Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63700DRCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63700DRCRG4
Description  DC-DC INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63700DRCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS63700DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS63700DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Actual Size
3 mm x 3 mm
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
COMP
GND
VIN
EN
IN
VREF
FB
OUT
PS_GND
SW
PowerPAD
C4
VIN
VOUT
C2
R2
R3
D1
L1
C5
C6
TPS63700
R1
C1
0.22 mF
22 mF
4.7 mH
0.1 mF
10 mF
2.7 V To 5.5 V
4.7 nF
−5 V
TPS63700
SLVS530 – SEPTEMBER 2005
DC-DC INVERTER
Adjustable Output Voltage Down to –15 V
The TPS63700 is an inverting dc-dc converter gener-
ating a negative output voltage down to –15 V with
2.7-V to 5.5-V Input Voltage Range
output currents up to 360-mA, depending on in-
Up to 360-mA Output Current
put-voltage to output-voltage ratio. With a total ef-
1000-mA Typical Switch Current Limit
ficiency up to 84%, the device is ideal for portable
Up to 84% Efficiency
battery-powered equipment. The input voltage range
of 2.7-V to 5.5-V allows the TPS63700 to be directly
Typical 1.4-MHz Fixed-Frequency PWM
powered from a Li-ion battery, from 3-cell NiMH/NiCd,
Operation
from a 3.3-V or 5-V supply rail. The TPS63700 comes
Thermal Shutdown
in a small 3-mm x 3-mm SON-10 package. Further-
more, the high switching frequency of typically 1.4
Typical –19 V Output Overvoltage Protection
MHz allows the use of small external components.
1.5-
µA Shutdown Current
This, and the small package make a small power
Small 3-mm x 3-mm SON-10 Package (DRC)
supply solution possible.
The inverter operates with a fixed-frequency PWM
control topology. The device has an internal current
Generic Negative Voltage Supply
limit, overvoltage protection, and a thermal shutdown
Small-to-Medium Size OLED Displays
for highest reliability under fault conditions.
PDAs, Pocket PCs, Smartphones
Bias Supply
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS63700DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
More results

Similar Description - TPS63700DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
   DC-AC Inverter
6/13/2017
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
   DC/AC INVERTER
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com