Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS122DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65LVDS122DRG4
Description  1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS122DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS122DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS122DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
PARAMETER MEASUREMENT INFORMATION (continued)
t
(SET) and t(HOLD) times specify that data must be in a stable state before and after multiplex control switches.
Table 1. Receiver Input Voltage Threshold Test
APPLIED
RESULTING DIFFERENTIAL
RESULTING COMMON-
OUTPUT(1)
VOLTAGES
INPUT VOLTAGE
MODE INPUT VOLTAGE
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
H
1.15 V
1.25 V
–100 mV
1.2 V
L
4.0 V
3.9 V
100 mV
3.95 V
H
3.9 V
4. 0 V
–100 mV
3.95 V
L
0.1 V
0.0 V
100 mV
0.05 V
H
0.0 V
0.1 V
–100 mV
0.05 V
L
1.7 V
0.7 V
1000 mV
1.2 V
H
0.7 V
1.7 V
–1000 mV
1.2 V
L
4.0 V
3.0 V
1000 mV
3.5 V
H
3.0 V
4.0 V
–1000 mV
3.5 V
L
1.0 V
0.0 V
1000 mV
0.5 V
H
0.0 V
1.0 V
–1000 mV
0.5 V
L
(1)
H = high level, L = low level
8


Similar Part No. - SN65LVDS122DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122DRG4 TI-SN65LVDS122DRG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS122DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com