Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62HP2902ML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62HP2902ML
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2902ML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62HP2902ML Datasheet HTML 1Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 2Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 3Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 4Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 5Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 6Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 7Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 8Page - Torex Semiconductor XC62HP2902ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
s Electrical Characteristics
Ta=25:
XC62HR3002 VOUT(T)=3.0V(Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E)
(Note2)
IOUT=40mA
VIN=4.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)
≥2.7V
CE "High" Current
ICEH
VCE=VIN
CE "Low" Current
ICEL
VCE=VSS
VIN=4.0V
1mA IOUT 80mA
w-47
XC62HR Series
Positive Voltage Regulators
MIN
2.940
3.0
165
TYP
3.000
45
90
-0.05
MAX
3.060
8.0
5.0
0
UNITS
V
mV
µA
mA
µA
µA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
2
2
180
360
mV
1
Vdif1
IOUT=60mA
880
580
mV
1
Vdif2
IOUT=160mA
VIN=VCE=4.0V
Supply Current1
ISS1
10.0
V
Input Voltage
VIN
0.1
µA2
VIN=4.0V, VCE=VSS
Supply Current2
ISS2
-0.2
1.5
V
1
CE "High" Voltage
VCEH
0.25
V
1
CE "Low" Voltage
VCEL
Input Stability
IOUT=40mA
4.0V VIN 10.0V
∆VOUT
∆VIN VOUT
±100
ppm/:
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-30: ≤ Topr 80:
∆VOUT
∆Topr VOUT
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a ceratain IOUT value).
3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)}
4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input.
5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
6. Semi-custom.
Note:
78


Similar Part No. - XC62HP2902ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HP2001DL TOREX-XC62HP2001DL Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DL TOREX-XC62HP2001DL Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DR TOREX-XC62HP2001DR Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DR TOREX-XC62HP2001DR Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001ML TOREX-XC62HP2001ML Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HP2902ML

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com