Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3559S85BG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V3559S85BG
Description  128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3559S85BG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V3559S85BG Datasheet HTML 1Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 2Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 3Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 4Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 5Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 6Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 7Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 8Page - Integrated Device Technology IDT71V3559S85BG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
5
Recommended Operating
Temperature and Supply Voltage
Pin Configuration — 128K x 36
NOTES:
1. Pins 14, 64, and 66 do not have to be connected directly to VSS as long as the input voltage is < VIL.
2. Pin 16 does not have to be connected directly to VDD as long as the input voltage is > VIH.
3. Pins 83 and 84 are reserved for future 8M and 16M respectively.
4. Pin 64 supports ZZ (sleep mode) for the latest die revisions.
Top View
100 TQFP
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
5282 drw 02
VSS(1)
I/O15
I/OP3
VDD(2)
I/OP4
I/OP1
VSS/ZZ(1,4)
I/OP2
VSS(1)
,
Grade
Temperature(1)
VSS
VDD
VDDQ
Commercial
0°C to +70°C
0V
3.3V±5%
3.3V±5%
Industrial
-40°C to +85°C
0V
3.3V±5%
3.3V±5%
5282 tbl 05
NOTES:
1. TA is the "instant on" case temperature.


Similar Part No. - IDT71V3559S85BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3559S85BGG IDT-IDT71V3559S85BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3559S85BGGI IDT-IDT71V3559S85BGGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3559S85BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com