Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9450 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9450
Description  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 23Page - NXP Semiconductors PCA9450 Datasheet HTML 24Page - NXP Semiconductors PCA9450 Datasheet HTML 25Page - NXP Semiconductors PCA9450 Datasheet HTML 26Page - NXP Semiconductors PCA9450 Datasheet HTML 27Page - NXP Semiconductors PCA9450 Datasheet HTML 28Page - NXP Semiconductors PCA9450 Datasheet HTML 29Page - NXP Semiconductors PCA9450 Datasheet HTML 30Page - NXP Semiconductors PCA9450 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
27 / 96
aaa-035723
PWRONI
WDOGBI
RSVD
VR_FLT1I
VR_FLT2I
LOWVSYSI
INT
PWRONS
WDOG_BS
RSVD
VR_FLT1_S
VR_FLT2_S
LOWVSYS_S
THERM_105S
THERM_105I
INT1
STATUS1
SW_OCP
RSVD
BUCK6_FLT
BUCK5_FLT
BUCK4_FLT
BUCK3_FLT
BUCK2_FLT
BUCK1_FLT
VRFLT1_STS
VRFLT2_STS
RSVD
RSVD
RSVD
LDO5_FLT
LDO4_FLT
LDO3_FLT
LDO2_FLT
LDO1_FLT
THERM_125S
THERM_125I
INT1 MASK
105°C
Die
Temp
125°C
PMIC_ON_REQ
VSYS
VSYS UVLO + Delta
WDOG_B
RSVD
RSVD
BUCK6_FLT_M
BUCK5_FLT_M
BUCK4_FLT_M
BUCK3_FLT_M
BUCK2_FLT_M
BUCK1_FLT_M
VRFLT1_MASK
VRFLT2_MASK
RSVD
RSVD
RSVD
LDO5_FLT_M
LDO4_FLT_M
LDO3_FLT_M
LDO2_FLT_M
LDO1_FLT_M
Deb
Deb
Figure 20. Interrupt diagram
8 Software interface
PCA9450 implements I2C-bus slave interface and it interfaces with the host system.
The host processor can issue commands, monitor status and receive response through
this bus. A detailed description of the I2C-bus specification, with applications, is given in
UM10204, “I2C-bus specification and user manual” [Ref. 4]. PCA9450 supports I2C-bus
data transfers in Standard-mode (100 kbit/s), Fast-mode (400 kbit/s) and Fast-mode plus
(1 Mbit/s).
The I2C address at Power-On Reset is shown in Table 19
Table 19. PCA9450 I2C Slave Address
7-bit Slave Address
8-bit Write Address
8-bit Read Address
0x25, 0b 010 0101
0x4A, 0b 0100 1010
0x4B, 0b 0100 1011
I2C register reset type
Type S1 : Reset condition = VSYS < VSYS_POR
Type S : Reset condition = VSYS < VSYS_UVLO
Type O : Reset condition = (VSYS < VSYS_UVLO) || (Cold Reset) || (Warm Reset) ||
(Falling edge of PMIC_ON_REQ) || (SW_RST) || (FAULT_SD)


Similar Part No. - PCA9450

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

Similar Description - PCA9450

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com