Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
23 / 133
Value
Status
Description
C7h
Access right activated &privileges
locked
The status is the same as for C1h with the exception that the Key
Privileges are locked and cannot longer be modified.
The settings for the EAS/AFI protection are enabled. Access with the
related commands to EAS and AFI is only possible according to the
EAS/AFI protection conditions.
E7h
Activated
The settings of the NFC Protection Pointer and the NFC Protection
Pointer Condition are enabled. Read and write access protection is
enabled according to the initialized values.
All Key Header Privileges and Keys are locked cannot be modified
The settings for the EAS/AFI protection are enabled. Access with the
related commands to EAS and AFI is only possible according to the
EAS/AFI protection conditions.
all others
Invalid
8.1.3.5 NFC Crypto Configuration Header
The value of the NFC Crypto Configuration Header (NFC_CCH) locks the NFC
Authentication Limit to the defined value and can only be changed after authentication.
NFC_CCH can be written by using the WRITE CONFIGURATION command (see
Section 8.2.3.2.2).
From I2C perspective, NFC_CCH can be accessed with READ and WRITE command, as
long as not locked by the I2C section lock.
Table 19. Crypto Configuration Header (CCH) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
0Dh
100Dh
RFU
NFC_CCH
RFU
Table 20. Crypto Configuration Header Values
Value
Mode
Write Access
81h
Unlocked (default)
Authentication limit can be modified.
E7h
Locked
Authentication limit is locked and can only be modified
after mutual authentication with a key with activated
crypto configuration privilege or authenticating with
the write password. In 64-bit password mode both, the
read and write password are required, depending on
the used security level.
All others Invalid
8.1.3.6 NFC Authentication Limit Counter
The NFC Authentication Limit Counter is a feature to limit the number of
authentications. When enabled, the counter is incremented for every CHALLENGE
(see Section 8.2.3.4.5) or AUTHENTICATION (see Section 8.6.4) command. Both,
positive and negative attempts get counted. On default. the counter is not enabled
(NFC_AUTH_LIMIT = 0000h).


Similar Part No. - NTP53X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0FUAV NXP-NTP52101G0FUAV Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JHKZ NXP-NTP52101G0JHKZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTTZ NXP-NTP52101G0JTTZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTZ NXP-NTP52101G0JTZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
More results

Similar Description - NTP53X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTA5332 NXP-NTA5332 Datasheet
1Mb / 133P
   NTAG 5 boost - NFC Forum-compliant I2C bridge for tiny devices
Rev. 3.3 ??3 July 2020
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111_2211 NXP-NT3H2111_2211 Datasheet
866Kb / 84P
   NTAG I2C plus: NFC Forum T2T with I2C interface, password protection and energy harvesting
Rev. 3.6 - 21 July 2023
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com