Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
81 / 133
When receiving the INVENTORY READ request, NTAG 5 link performs the same as the
anti-collision sequence, with the difference that instead of the UID and the DSFID, the
requested response is defined by additional options.
The INVENTORY READ command provides two modes which are defined by the most
significant bit of the mask length byte as follows:
• Standard mode (most significant bit of mask length byte equal 0b)
(see Section 8.2.3.5.1.1)
• Extended mode (most significant bit of mask length byte equal 1b)
The extended mode offers additional features to optimize the inventory procedure for
different requirements (see Section 8.2.3.5.1.2)
The INVENTORY READ command may also be transmitted in addressed or SELECTED
mode. Then the command behaves similar to a READ or READ MULTIPLE BLOCK (see
Section 8.2.3.5.1.3).
8.2.3.5.1.1 Standard mode
If most significant bit of mask length byte is equal 0b the INVENTORY READ command
is used in the standard mode.
If the Inventory_flag is set to 1b and an error is detected, NTAG 5 link remains silent.
If the Option flag is set to 0b, n blocks of data are transmitted. If the Option flag is set to
1b, n blocks of data and the part of the UID which is not part of the mask are transmitted.
The request contains:
• Flags
• INVENTORY READ command code
• IC manufacturer code
• AFI (if AFI_flag is set to 1b)
• Mask length (most significant bit equal 0b)
• Mask value (if mask length > 00h)
• First block number to be read
• Number of blocks to be read
• CRC 16
Table 172. INVENTORY READ request format
Flags
INVENTORY
READ
Manuf.
code
AFI
Mask
length
Mask value First block
number
Number of
blocks
CRC16
8 bits
8 bits
8 bits
8 bits
(optional)
8 bits
0 to 8 bytes 8 bits
8 bits
16 bits
If the Inventory_flag is set to 1b, only NTAG 5 link in the READY or SELECTED
(SECURE) state will respond (same behavior as in the INVENTORY command). The
meaning of Flags bits 7 to 4 is as defined in ISO/IEC 15693.
The INVENTORY READ command can also be transmitted in the addressed or
SELECTED mode (see Section 8.2.3.5.1.3).
The number of blocks in the request is one less than the number of blocks that NTAG 5
link returns in its response.
If the Option_flag in the request is set to logic 0b the response contains:


Similar Part No. - NTP53X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0FUAV NXP-NTP52101G0FUAV Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JHKZ NXP-NTP52101G0JHKZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTTZ NXP-NTP52101G0JTTZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTZ NXP-NTP52101G0JTZ Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
More results

Similar Description - NTP53X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTA5332 NXP-NTA5332 Datasheet
1Mb / 133P
   NTAG 5 boost - NFC Forum-compliant I2C bridge for tiny devices
Rev. 3.3 ??3 July 2020
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
   NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111_2211 NXP-NT3H2111_2211 Datasheet
866Kb / 84P
   NTAG I2C plus: NFC Forum T2T with I2C interface, password protection and energy harvesting
Rev. 3.6 - 21 July 2023
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com