Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN5189 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # JN5189
Description  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 36Page - NXP Semiconductors JN5189 Datasheet HTML 37Page - NXP Semiconductors JN5189 Datasheet HTML 38Page - NXP Semiconductors JN5189 Datasheet HTML 39Page - NXP Semiconductors JN5189 Datasheet HTML 40Page - NXP Semiconductors JN5189 Datasheet HTML 41Page - NXP Semiconductors JN5189 Datasheet HTML 42Page - NXP Semiconductors JN5189 Datasheet HTML 43Page - NXP Semiconductors JN5189 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
40 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
Direct debug access to all memories, registers, and peripherals
No target resources are required for the debugging session
Breakpoints: the Cortex-M4 includes 8 instruction breakpoints that can also be used
to remap instruction addresses for code patches. Two literal comparators that can
also be used to remap addresses for patches to literal values.
Watchpoints: the Cortex-M4 includes 4 data watchpoints that can also be used as
triggers
Instrumentation Trace Macrocell allows additional software controlled trace for the
Cortex-M4
8.19.2 Basic configuration
The serial wire debug pins are enabled by default.
8.20 Wireless transceiver
The wireless transceiver comprises a 2.4 GHz radio, modem, a baseband processor and
PHY controller. These blocks, with protocol software provided as a library, implement an
IEEE802.15.4 standards-based wireless transceiver that transmits and receives data over
the air in the unlicensed 2.4 GHz band. To support the IEEE802.15.4 protocol an AES
engine is also provided, in the JN5189, to accelerate the required encryption features.
Fig 5.
Radio architecture
CALIBRATION
PA
RADIO
ADC
TRANSFORMER
REFERENCE
AND BIAS
PLL
SIGMA
DELTA
AGC
DIVIDER
BY 2
LNA
IF
AMP
DAC


Similar Part No. - JN5189

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - JN5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com