Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN5189 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # JN5189
Description  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 2Page - NXP Semiconductors JN5189 Datasheet HTML 3Page - NXP Semiconductors JN5189 Datasheet HTML 4Page - NXP Semiconductors JN5189 Datasheet HTML 5Page - NXP Semiconductors JN5189 Datasheet HTML 6Page - NXP Semiconductors JN5189 Datasheet HTML 7Page - NXP Semiconductors JN5189 Datasheet HTML 8Page - NXP Semiconductors JN5189 Datasheet HTML 9Page - NXP Semiconductors JN5189 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
6 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
7. Pinning information
7.1 HVQFN40 - with NTAG
7.1.1 Pinning
7.1.2 Pin description
(1) JN5188THN and JN5189THN HVQFN40 with NTAG
Fig 2.
Pin configuration
aaa-023712
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
terminal 1
index area
Transparent top view
PIO7
PIO6
PIO5/ISP_ENTRY
PIO1
XTAL_N
XTAL_P
PIO0
PIO3
PIO2
PIO4
PIO17/ADC3
PIO18/ADC4
TRST
RSTN
VBAT
VSS(DCDC)
LX
PIO19/ADC5
PIO20/ACP
PIO21/ACM
JN5188THN; JN5189THN
Table 4.
Pin descriptions
Symbol
Pin
Type
Default at reset
Description
XTAL_P
1
System crystal oscillator 32 MHz
XTAL_N
2
System crystal oscillator 32 MHz
PIO0
3
IO
GPIO0[1]
GPIO0 — General Purpose digital Input/Output 0
USART0_SCK — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - synchronous clock
USART1_TXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - transmit data output
PWM0 — Pulse Width Modulator output 0
SPI1_SCK — Serial Peripheral Interface-bus 1 clock input/output
PDM0_DATA — Pulse Density Modulation Data input from digital
microphone (channel 0)


Similar Part No. - JN5189

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - JN5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com