Electronic Components Datasheet Search |
|
IMX8MNIEC Datasheet(PDF) 78 Page - NXP Semiconductors |
|
IMX8MNIEC Datasheet(HTML) 78 Page - NXP Semiconductors |
78 / 89 page i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020 78 NXP Semiconductors Package information and contact assignments MIPI_CSI_D0_P B14 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D1_N A15 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D1_P B15 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D2_N A17 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D2_P B17 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D3_N A18 VDD_MIPI_1P8 PHY — — Input MIPI_CSI_D3_P B18 VDD_MIPI_1P8 PHY — — Input MIPI_DSI_CLK_N A11 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_CLK_P B11 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D0_N A9 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D0_P B9 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D1_N A10 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D1_P B10 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D2_N A12 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D2_P B12 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D3_N A13 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI_D3_P B13 VDD_MIPI_1P8 PHY — — Output low MIPI_VREG_CAP D15 0.35 - 0.45 V PHY — — Output NAND_ALE N22 NVCC_NAND GPIO ALT5 GPIO3.IO[0] Input with PD NAND_CE0_B N24 NVCC_NAND GPIO ALT5 GPIO3.IO[1] Input with PU NAND_CE1_B P27 NVCC_NAND GPIO ALT5 GPIO3.IO[2] Input with PD NAND_CE2_B M27 NVCC_NAND GPIO ALT5 GPIO3.IO[3] Input with PD NAND_CE3_B L27 NVCC_NAND GPIO ALT5 GPIO3.IO[4] Input with PD NAND_CLE K27 NVCC_NAND GPIO ALT5 GPIO3.IO[5] Input with PD NAND_DATA00 P23 NVCC_NAND GPIO ALT5 GPIO3.IO[6] Input with PD NAND_DATA01 K24 NVCC_NAND GPIO ALT5 GPIO3.IO[7] Input with PD NAND_DATA02 K23 NVCC_NAND GPIO ALT5 GPIO3.IO[8] Input with PD NAND_DATA03 N23 NVCC_NAND GPIO ALT5 GPIO3.IO[9] Input with PD NAND_DATA04 M26 NVCC_NAND GPIO ALT5 GPIO3.IO[10] Input with PD NAND_DATA05 L26 NVCC_NAND GPIO ALT5 GPIO3.IO[11] Input with PD Table 65. i.MX 8M Nano 14 x 14 mm functional contact assignments (continued) Ball name Ball Power group Ball type Reset condition Default mode Default function Input/ Output status |
Similar Part No. - IMX8MNIEC |
|
Similar Description - IMX8MNIEC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |