Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5456R Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5456R
Description  One Cell Lithium-ion/Polymer Battery Protection IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5456R Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5456R Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5456R Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
__________________________________________________________________________________________________________________________
Lead Temperature ( Soldering, 10 sec)
300
°C
Power Dissipation at T=25°C
0.4
W
Package Thermal Resistance (Junction to Ambient) θJA
250
°C/W
Package Thermal Resistance (Junction to Case) θJC
130
°C/W
HBM ESD
2000
V
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TA = 25oC, unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Detection Voltage
Overcharge Detection Voltage
VCU
4.25
4.30
4.35
V
Overcharge Release Voltage
VCL
4.05
4.10
4.15
V
Overdischarge Detection Voltage
VDL
2.3
2.4
2.5
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Detection Current
Overdischarge Current1 Detection
*IIOV1 VDD=3.6V
6
9
12
A
Overdischarge Current Recovery
*IROV1 VDD=3.6V
15
25
40
uA
Overcharge Current Detection
*ICHOC VDD=3.6V
5
7
9
A
Load Short-Circuiting
Detection
*ISHORT VDD=3.6V
20
40
60
A
Current Consumption
Current Consumption in Normal
Operation
IOPE
VDD=3.6V
VM =0V
3.9
6
μA
Current Consumption in power
Down
IPDN
VDD=2.0V
VM pin floating
2.2
4
μA
VM Internal Resistance
Internal Resistance between
VM and VDD
*RVMD VDD=2.0V
VM pin floating
200
300
400
k
Internal Resistance between VM
and GND
*RVMS
VDD=3.6V
VM=1.0V
15
25
35
k
FET on Resistance
Equivalent FET on Resistance
*RSS(ON) VDD=3.6V IVM =1.0A
16
17.5
21
m
Over Temperature Protection
HM5456R


Similar Part No. - HM5456R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5456 HMSEMI-HM5456 Datasheet
5Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456G HMSEMI-HM5456G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - HM5456R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5453 HMSEMI-HM5453 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5433A HMSEMI-HM5433A Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com