Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ21062 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # BQ21062
Description  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 38Page - Texas Instruments BQ21062 Datasheet HTML 39Page - Texas Instruments BQ21062 Datasheet HTML 40Page - Texas Instruments BQ21062 Datasheet HTML 41Page - Texas Instruments BQ21062 Datasheet HTML 42Page - Texas Instruments BQ21062 Datasheet HTML 43Page - Texas Instruments BQ21062 Datasheet HTML 44Page - Texas Instruments BQ21062 Datasheet HTML 45Page - Texas Instruments BQ21062 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
Table 9-22. TERMCTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
2b00
Reserved
5-1
ITERM_4:0
R/W
5b01010
Termination Current (10% of ICHRG default)
Programmable Range = 1% to 31% of ICHRG
5b00000 = Do not Use
5b00001 = 1% of ICHRG
5b00010 = 2% of ICHRG
5b00100 = 4% of ICHRG
5b01000 = 8% of ICHRG
5b10000 = 16% of ICHRG
0
TERM_DISABLE
R/W
1b0
Termination Disable
1b0 = Termination Enabled
1b1 = Termination Disabled
9.5.1.16 BUVLO Register (Address = 0x16) [reset = 0x3]
BUVLO is shown in Figure 9-31 and described in Table 9-23.
Return to Summary Table.
Figure 9-31. BUVLO Register
7
6
5
4
3
2
1
0
RESERVED
VLOWV_SEL
IBAT_OCP_ILIM_1:0
BUVLO_2:0
R/W-2b00
R/W-1b0
R/W-2b00
R/W-3b011
Table 9-23. BUVLO Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
2b00
Reserved
5
VLOWV_SEL
R/W
1b0
Pre-charge to Fast Charge Threshold
1b0 = 3.0 V
1b1 = 2.8 V
4-3
IBAT_OCP_ILIM_1:0
R/W
2b00
Battery Over-Current Protection Threshold
2b00 = 1200 mA
2b01 = 1500 mA
2b10 = Disabled
2b11 = Disabled
2-0
BUVLO_2:0
R/W
3b011
Battery UVLO Voltage
3b000 = 3.0 V
3b001 = 3.0 V
3b010 = 3.0 V
3b011 = 2.8 V
3b100 = 2.6 V
3b101 = 2.4 V
3b110 = 2.2 V
3b111 = Disabled
BQ21062
SLUSE42 – JULY 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


Similar Part No. - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Similar Description - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com