Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ21062 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # BQ21062
Description  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 Datasheet(HTML) 47 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 43Page - Texas Instruments BQ21062 Datasheet HTML 44Page - Texas Instruments BQ21062 Datasheet HTML 45Page - Texas Instruments BQ21062 Datasheet HTML 46Page - Texas Instruments BQ21062 Datasheet HTML 47Page - Texas Instruments BQ21062 Datasheet HTML 48Page - Texas Instruments BQ21062 Datasheet HTML 49Page - Texas Instruments BQ21062 Datasheet HTML 50Page - Texas Instruments BQ21062 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
Table 9-29. ICCTRL0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
GLOBAL_INT_MASK
R/W
1b0
Global Interrupt Mask
1b0 = Normal Operation
1b1 = Mask all interrupts
1
HW_RESET
R/W
1b0
HW Reset
1b0 = Normal operation
1b1 = HW Reset. Temporarily power down all power rails, except
VDD. I2C Register go to default settings.
0
SW_RESET
R/W
1b0
SW_Reset
1b0 = Normal operation
1b1 = SW Reset. I2C Registers go to default settings.
9.5.1.23 ICCTRL1 Register (Address = 0x36) [reset = 0x0]
ICCTRL1 is shown in Figure 9-38 and described in Table 9-30.
Return to Summary Table.
Figure 9-38. ICCTRL1 Register
7
6
5
4
3
2
1
0
MR_LPRESS_ACTION_1:0
RESERVED
RESERVED
PG_MODE_1:0
PMID_MODE_1:0
R/W-2b00
R/W-1b0
R/W-1b0
R/W-2b00
R/W-2b00
Table 9-30. ICCTRL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
MR_LPRESS_ACTION_1:
0
R/W
2b00
MR Long Press Action
2b00 = HW Reset (Power Cycle)
2b01 = Do nothing
2b10 = Enter Ship Mode
2b11 = Enter Ship Mode
5
RESERVED
R/W
1b0
Reserved
4
RESERVED
R/W
1b0
Reserved
3-2
PG_MODE_1:0
R/W
2b00
PG Pin Mode of Operation
2b00 = VIN Power Good. PG pulls to GND when VIN > VUVLO, VIN >
VBAT+VSLP and VIN < VIN_OVP.
2b01 = Deglitched Level Shifted /MR. PG is high impedance when
the MR input is high, and PG pulls to GND when the MR input is low.
2b1x = General Purpose Open Drain Output. The state of the PG pin
is then controlled through the GPO_PG bit, where if GPO_PG is 0 ,
the PG pin is pulled to GND and if it is 1, the PG pin is in high
impedance.
1-0
PMID_MODE_1:0
R/W
2b00
PMID Control
Sets how PMID is powered in any state, except Ship Mode.
2b00 = PMID powered from BAT or VIN if present
2b01 = PMID powered from BAT only, even if VIN is present
2b10 = PMID disconnected and left floating
2b11 = PMID disconnected and pulled down.
www.ti.com
BQ21062
SLUSE42 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: BQ21062


Similar Part No. - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Similar Description - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com