Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24160 Datasheet(PDF) 36 Page - Texas Instruments

Part # BQ24160
Description  bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24160 Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ24160_V01 Datasheet HTML 32Page - Texas Instruments BQ24160_V01 Datasheet HTML 33Page - Texas Instruments BQ24160_V01 Datasheet HTML 34Page - Texas Instruments BQ24160_V01 Datasheet HTML 35Page - Texas Instruments BQ24160_V01 Datasheet HTML 36Page - Texas Instruments BQ24160_V01 Datasheet HTML 37Page - Texas Instruments BQ24160_V01 Datasheet HTML 38Page - Texas Instruments BQ24160_V01 Datasheet HTML 39Page - Texas Instruments BQ24160_V01 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
(
)
(
)
TEMPRISE
LOAD
PEAK
LOAD
I
= I
+ D
I
I
= 1.5A + 0.2 ×
2.5A
1 .5A
= 1.7A
´
-
-
36
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
The inductor selected must have a saturation current rating greater than or equal to the calculated IPEAK. Due to
the high currents possible with the bq2416xx, a thermal analysis must also be done for the inductor. Many
inductors have a 40°C temperature-rise rating. The DC component of the current can cause a 40°C temperature
rise above the ambient temperature in the inductor. For this analysis, the typical load current may be used
adjusted for the duty cycle of the load transients. For example, if the application requires a 1.5A DC load with
peaks at 2.5A 20% of the time, a Δ40°C temperature rise current must be greater than 1.7A:
(6)
The bq2416xx provides internal loop compensation. Using this scheme, the bq2416xx is stable with 10µF to
200µF of local capacitance on the SYS output. The capacitance on the SYS rail can be higher if distributed
amongst the rail. To reduce the output voltage ripple, a ceramic capacitor with the capacitance between 10µF
and 47µF is recommended for local bypass to SYS. A 47µF bypass capacitor is recommended for optimal
transient response.
10.2.3 Application Curves
USB500
925mA Charge Setting
Figure 23. USB Plug-In with Battery Connected
1500mA ILIM
1300mA Charge Setting
Figure 24. IN Plug-in with Battery Connected
Figure 25. Adapter Detection USB
Termination Enabled
Figure 26. Battery Insert During Battery Detection


Similar Part No. - BQ24160_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24160A TI1-BQ24160A Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGER TI1-BQ24160ARGER Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGET TI1-BQ24160ARGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
More results

Similar Description - BQ24160_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com