Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ79600-Q1 Datasheet(PDF) 38 Page - Texas Instruments

Part # BQ79600-Q1
Description  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 34Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 35Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 36Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 37Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 38Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 39Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 40Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 41Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
7.5.1 Register Summary Table
ADDRESS
REGISTER
DESCRIPTION
R/W MODE
RESET VALUE
NVM
VALUES
INCLUDED IN NVM?
0x306
DIR0_ADDR
Device Address North Direction
R/W
0x00
n/a
no
0x307
DIR1_ADDR
Device Address South Direction
R/W
0x00
n/a
no
0x309
CONTROL1
Control1
R/W
0x00
n/a
no
0x30A
CONTROL2
Control2
R/W
0x00
n/a
no
0x2000
DIAG_CTRL
Diagnostic Control
R/W
0x00
n/a
no
0x2001
DEV_CONF1
Device Configure1
R/W
0x14
n/a
no
0x2002
DEV_CONF2
Device Configure2
R/W
0x00
n/a
no
0x2003
TX_HOLD_OFF
Transmitter Hold off Control
R/W
0x00
n/a
no
0x2004
SLP_TIMEOUT
Sleep Timer
R/W
0x03
n/a
no
0x2005
COMM_TIMEOUT
Communication Timeout Control
R/W
0x34
n/a
no
0x2010
SPI_FIFO_UNLOCK
FIFO Diagnostic Unlock
R/W
0x00
n/a
no
0x2020
FAULT_MSK
Fault Mask
R/W
0x00
n/a
no
0x2030
FAULT_RST
Fault Reset
R/W
0x00
n/a
no
0x2100
FAULT_SUMMARY
Fault Summary
R
0x00
n/a
no
0x2101
FAULT_REG
Register Fault
R
0x00
n/a
no
0x2102
FAULT_SYS
System Fault
R
0x00
n/a
no
0x2103
FAULT_PWR
Power Fault
R
0x00
n/a
no
0x2104
FAULT_COMM1
Communication Fault1
R
0x00
n/a
no
0x2105
FAULT_COMM2
Communication Fault2
R
0x00
n/a
no
0x2110
DEV_DIAG_STAT
Diagnostic Status
R
0x00
n/a
no
0x2120
PARTID
Part ID
R
0x00
various
yes
0x2121
DIE_ID1
Die ID1
R
0x00
various
yes
0x2122
DIE_ID2
Die ID2
R
0x00
various
yes
0x2123
DIE_ID3
Die ID3
R
0x00
various
yes
0x2124
DIE_ID4
Die ID4
R
0x00
various
yes
0x2125
DIE_ID5
Die ID5
R
0x00
various
yes
0x2126
DIE_ID6
Die ID6
R
0x00
various
yes
0x2127
DIE_ID7
Die ID7
R
0x00
various
yes
0x2128
DIE_ID8
Die ID8
R
0x00
various
yes
0x2129
DIE_ID9
Die ID9
R
0x00
various
yes
0x2200
DEBUG_CTRL_UNLOCK
Debug Control Unlock
R/W
0x00
n/a
no
0x2201
DEBUG_COMM_CTRL
Debug Communication Control
R/W
0x78
n/a
no
0x2300
DEBUG_COMM_STAT
Debug Communication Status
R
0x13
n/a
no
0x2301
DEBUG_SPI_PHY
SPI Physical Layer Error
R
0x00
n/a
no
0x2302
DEBUG_SPI_FRAME
SPI Frame Layer Error
R
0x00
n/a
no
0x2303
DEBUG_UART_FRAME
UART Frame Layer Error
R
0x00
n/a
no
0x2304
DEBUG_COMH_PHY
COMH Physical Layer Error
R
0x00
n/a
no
0x2305
DEBUG_COMH_FRAME
COMH Frame Layer Error
R
0x00
n/a
no
0x2306
DEBUG_COML_PHY
COML Physical Layer Error
R
0x00
n/a
no
0x2307
DEBUG_COML_FRAME
COML Frame Layer Error
R
0x00
n/a
no
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ79600-Q1


Similar Part No. - BQ79600-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Similar Description - BQ79600-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com