Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3130 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC3130
Description  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3130 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 26Page - Texas Instruments CC3130 Datasheet HTML 27Page - Texas Instruments CC3130 Datasheet HTML 28Page - Texas Instruments CC3130 Datasheet HTML 29Page - Texas Instruments CC3130 Datasheet HTML 30Page - Texas Instruments CC3130 Datasheet HTML 31Page - Texas Instruments CC3130 Datasheet HTML 32Page - Texas Instruments CC3130 Datasheet HTML 33Page - Texas Instruments CC3130 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
8.15.5 Clock Specifications
The CC3130 device requires two separate clocks for its operation:
• A slow clock running at 32.768 kHz is used for the RTC.
• A fast clock running at 40 MHz is used by the device for the internal processor and the WLAN subsystem.
The device features internal oscillators that enable the use of less-expensive crystals rather than dedicated
TCXOs for these clocks. The RTC can also be fed externally to provide reuse of an existing clock on the system
and to reduce overall cost.
8.15.5.1 Slow Clock Using Internal Oscillator
The RTC crystal connected on the device supplies the free-running slow clock. The accuracy of the slow clock
frequency must be 32.768 kHz ±150 ppm. In this mode of operation, the crystal is tied between RTC_XTAL_P
(pin 51) and RTC_XTAL_N (pin 52) with a suitable load capacitance to meet the ppm requirement.
Figure 8-9 shows the crystal connections for the slow clock.
RTC_XTAL_P
RTC_XTAL_N
51
52
32.768 kHz
10 pF
GND
GND
10 pF
Copyright © 2017, Texas Instruments Incorporated
Figure 8-9. RTC Crystal Connections
Section 8.15.5.1.1 lists the RTC crystal requirements.
8.15.5.1.1 RTC Crystal Requirements
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
32.768
kHz
Frequency accuracy
Initial plus temperature plus aging
±150
ppm
Crystal ESR
32.768 kHz
70
CC3130
SWRS227 – MARCH 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Similar Part No. - CC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Similar Description - CC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com