Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3230S Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230S
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230S Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC3230S Datasheet HTML 85Page - Texas Instruments CC3230S Datasheet HTML 86Page - Texas Instruments CC3230S Datasheet HTML 87Page - Texas Instruments CC3230S Datasheet HTML 88Page - Texas Instruments CC3230S Datasheet HTML 89Page - Texas Instruments CC3230S Datasheet HTML 90Page - Texas Instruments CC3230S Datasheet HTML 91Page - Texas Instruments CC3230S Datasheet HTML 92Page - Texas Instruments CC3230S Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
capabilities by manually setting the radio into transmit or receive modes. Using the
tool requires familiarity and knowledge of radio circuit theory and radio test methods.
Created for the internet-of-things (IoT), the SimpleLink™ Wi-Fi® CC31xx and
CC32xx family of devices include on-chip Wi-Fi®, Internet, and robust security
protocols with no prior Wi-Fi® experience needed for faster development. For more
information on these devices, visit SimpleLink™ Wi-Fi® family, Internet-on-a chip™
solutions.
UniFlash Standalone
Flash Tool for TI
Microcontrollers (MCU),
Sitara™ Processors
and SimpleLink™
Devices
CCS UniFlash is a standalone tool used to program on-chip flash memory on TI
MCUs and on-board flash memory for Sitaraprocessors. UniFlash has a GUI,
command line, and scripting interface. CCS UniFlash is available free of charge.
TI Reference Designs
Find reference designs leveraging the best in TI technology – from analog and power management to embedded
processors. All designs include a schematic, test data and design files.
11.2 Firmware Updates
TI updates features in the service pack for this module with no published schedule. Due to the ongoing changes,
TI recommends that the user has the latest service pack in their module for production.
To stay informed, click the SDK “Alert me” button the top right corner of the product page, or visit SimpleLink™
CC32XX SDK.
11.3 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3230x device and support tools (see Figure 11-1).
PREFIX
X = Preproduction device
Null = Production device
DEVICE FAMILY
CC = Wireless Connectivity
SERIES NUMBER
3 = Wi-Fi Centric
MEMORY SIZE
M2 = 256KB RAM
12 = 1MB Flash and 256KB RAM
PACKAGE
RGK = 9-mm × 9-mm VQFN
PACKAGING
R = large reel
S = Secured
SF = Secured Flash
DEVICE VARIANTS
X
CC
3
2
3
0
x
xx
xxx
x
MCU / HOST
1 = No MCU
2 = MCU
DEVICE GENERATION
0 = Gen 1
2 = Gen 2
3 = Gen 3
0 = 2.4-GHz only
5 = 2.4-GHz and 5-GHz supported
DUAL BAND
Figure 11-1. CC3230x Device Nomenclature
www.ti.com
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: CC3230S CC3230SF


Similar Part No. - CC3230S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

Similar Description - CC3230S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com