Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8353M Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353M
Description  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M Datasheet(HTML) 54 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 50Page - Texas Instruments DRV8353M Datasheet HTML 51Page - Texas Instruments DRV8353M Datasheet HTML 52Page - Texas Instruments DRV8353M Datasheet HTML 53Page - Texas Instruments DRV8353M Datasheet HTML 54Page - Texas Instruments DRV8353M Datasheet HTML 55Page - Texas Instruments DRV8353M Datasheet HTML 56Page - Texas Instruments DRV8353M Datasheet HTML 57Page - Texas Instruments DRV8353M Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
13.6.2.5 CSA Control Register (address = 0x06h)
The CSA control register is shown in Figure 13-37 and described in Table 13-18.
Register access type: Read/Write.
Figure 13-37. CSA Control Register
10
9
8
7
6
5
4
3
2
1
0
CSA
_FET
VREF
_DIV
LS
_REF
CSA
_GAIN
DIS
_SEN
CSA
_CAL_A
CSA
_CAL_B
CSA
_CAL_C
SEN
_LVL
R/W-0b
R/W-1b
R/W-0b
R/W-10b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-11b
Table 13-18. CSA Control Field Descriptions
Bit
Field
Type
Default
Description
10
CSA_FET
R/W
0b
0b = Sense amplifier positive input is SPx
1b = Sense amplifier positive input is SHx (also automatically
sets the LS_REF bit to 1)
9
VREF_DIV
R/W
1b
0b = Sense amplifier reference voltage is VREF (unidirectional
mode)
1b = Sense amplifier reference voltage is VREF divided by 2
8
LS_REF
R/W
0b
0b = VDS_OCP for the low-side MOSFET is measured
across SHx to SPx
1b = VDS_OCP for the low-side MOSFET is measured across
SHx to SNx
7-6
CSA_GAIN
R/W
10b
00b = 5-V/V shunt amplifier gain
01b = 10-V/V shunt amplifier gain
10b = 20-V/V shunt amplifier gain
11b = 40-V/V shunt amplifier gain
5
DIS_SEN
R/W
0b
0b = Sense overcurrent fault is enabled
1b = Sense overcurrent fault is disabled
4
CSA_CAL_A
R/W
0b
0b = Normal sense amplifier A operation
1b = Short inputs to sense amplifier A for offset calibration
3
CSA_CAL_B
R/W
0b
0b = Normal sense amplifier B operation
1b = Short inputs to sense amplifier B for offset calibration
2
CSA_CAL_C
R/W
0b
0b = Normal sense amplifier C operation
1b = Short inputs to sense amplifier C for offset calibration
1-0
SEN_LVL
R/W
11b
00b = Sense OCP 0.25 V
01b = Sense OCP 0.5 V
10b = Sense OCP 0.75 V
11b = Sense OCP 1 V
DRV8353M
SLVSFO2 – JULY 2020
www.ti.com
54
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8353M


Similar Part No. - DRV8353M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8353M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com