Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8714-Q1 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8714-Q1
Description  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 56Page - Texas Instruments DRV8714-Q1 Datasheet HTML 57Page - Texas Instruments DRV8714-Q1 Datasheet HTML 58Page - Texas Instruments DRV8714-Q1 Datasheet HTML 59Page - Texas Instruments DRV8714-Q1 Datasheet HTML 60Page - Texas Instruments DRV8714-Q1 Datasheet HTML 61Page - Texas Instruments DRV8714-Q1 Datasheet HTML 62Page - Texas Instruments DRV8714-Q1 Datasheet HTML 63Page - Texas Instruments DRV8714-Q1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
DRV8714-Q1 Advanced Function Register Map provides advanced control functions described in the
Propagation Delay Reduction (PDR), Duty Cycle Compensation (DCC), and Slew Time Control (STC) sections.
These are not necessary for typical use cases of the DRV871x-Q1 and may be utilized as needed to meet
specific system requirements.
Table 8-23. DRV8714-Q1 Advanced Function Register Map
Name
7
6
5
4
3
2
1
0
Type
Addr.
AGD_CTRL1
AGD_THR
AGD_ISTRONG
RSVD
R/W
2Ah
PDR_CTRL1
PRE_MAX_1
T_DON_DOFF_1
R/W
2Bh
PDR_CTRL2
PRE_MAX_2
T_DON_DOFF_2
R/W
2Ch
PDR_CTRL3
PRE_MAX_3
T_DON_DOFF_3
R/W
2Dh
PDR_CTRL4
PRE_MAX_4
T_DON_DOFF_4
R/W
2Eh
PDR_CTRL5
T_PRE_CHR_1
T_PRE_DCHR_1
PRE_CHR_INIT_1
PRE_DCHR_INIT_1
R/W
2Fh
PDR_CTRL6
T_PRE_CHR_2
T_PRE_DCHR_2
PRE_CHR_INIT_2
PRE_DCHR_INIT_2
R/W
30h
PDR_CTRL7
T_PRE_CHR_3
T_PRE_DCHR_3
PRE_CHR_INIT_3
PRE_DCHR_INIT_3
R/W
31h
PDR_CTRL8
T_PRE_CHR_4
T_PRE_DCHR_4
PRE_CHR_INIT_4
PRE_DCHR_INIT_4
R/W
32h
PDR_CTRL9
KP_PDR_1
KP_PDR_2
R/W
33h
PDR_CTRL10
KP_PDR_3
KP_PDR_4
R/W
34h
STC_CTRL1
T_RISE_FALL_1
KP_SLEW_1
R/W
35h
STC_CTRL2
T_RISE_FALL_2
KP_SLEW_2
R/W
36h
STC_CTRL3
T_RISE_FALL_3
KP_SLEW_3
R/W
37h
STC_CTRL4
T_RISE_FALL_4
KP_SLEW_4
R/W
38h
DCC_CTRL1
EN_DCC_1
EN_DCC_2
EN_DCC_3
EN_DCC_4
IDIR_MAN_1
IDIR_MAN_2
IDIR_MAN_3
IDIR_MAN_4
R/W
39h
PST_CTRL1
FW_MAX_1
FW_MAX_2
FW_MAX_3
FW_MAX_4
EN_PST_DLY_
1
EN_PST_DLY_
2
EN_PST_DLY_
3
EN_PST_DLY_
4
R/W
3Ah
PST_CTRL2
KP_PST_1
KP_PST_2
KP_PST_3
KP_PST_4
R/W
3Bh
SGD_STAT1
IDIR_1
IDIR_2
IDIR_3
IDIR_4
IDIR_FLT_1
IDIR_FLT_2
IDIR_FLT_3
IDIR_FLT_4
R
3Ch
SGD_STAT2
PRE_CHR_OF_
1
PRE_CHR_OF_
2
PRE_CHR_OF_
3
PRE_CHR_OF_
4
PRE_DCHR_O
F_1
PRE_DCHR_O
F_2
PRE_DCHR_O
F_3
PRE_DCHR_O
F_4
R
3Dh
SGD_STAT3
STC_FLT_F_1
STC_FLT_F_2
STC_FLT_F_3
STC_FLT_F_4
STC_FLT_R_1
STC_FLT_R_2
STC_FLT_R_3
STC_FLT_R_4
R
3Eh
8.6.3 DRV8718-Q1 Register Descriptions
8.6.3.1 DRV8718-Q1_STATUS Registers
Table 8-24 lists the DRV8718-Q1_STATUS registers. All register offset addresses not listed in Table 8-24 should
be considered as reserved locations and the register contents should not be modified.
Table 8-24. DRV8718-Q1_STATUS Registers
Address
Acronym
Register Name
Section
0h
IC_STAT1
Global fault and warning status indicators
Go
1h
VDS_STAT1
Half-bridge 1-4 VDS overcurrent fault status indicators
Go
2h
VDS_STAT2
Half-bridge 5-8 VDS overcurrent fault status indicators
Go
3h
VGS_STAT1
Half-bridge 1-4 VGS gate fault status indicators
Go
4h
VGS_STAT2
Half-bridge 5-8 VGS gate fault status indicators
Go
5h
IC_STAT2
Voltage, temperature and interface fault status indicators
Go
6h
IC_STAT3
Device variant ID status register
Go
Complex bit access types are encoded to fit into small table cells. Table 8-25 shows the codes that are used for
access types in this section.
Table 8-25. DRV8718-Q1_STATUS Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Reset or Default Value
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Similar Part No. - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Similar Description - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com