Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8714-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8714-Q1
Description  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 10Page - Texas Instruments DRV8714-Q1 Datasheet HTML 11Page - Texas Instruments DRV8714-Q1 Datasheet HTML 12Page - Texas Instruments DRV8714-Q1 Datasheet HTML 13Page - Texas Instruments DRV8714-Q1 Datasheet HTML 14Page - Texas Instruments DRV8714-Q1 Datasheet HTML 15Page - Texas Instruments DRV8714-Q1 Datasheet HTML 16Page - Texas Instruments DRV8714-Q1 Datasheet HTML 17Page - Texas Instruments DRV8714-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
4.9 V ≤ VPVDD ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted). Typical limits apply for VPVDD = 13.5 V
and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRVP, SPI
Peak gate current (source)
SPI Device
IDRVP_x = 0000b, VGSx = 3 V
0.2
0.5
0.8
mA
IDRVP_x = 0001b, VGSx = 3 V
0.5
1
1.5
IDRVP_x = 0010b, VGSx = 3 V
1.3
2
2.7
IDRVP_x = 0011b, VGSx = 3 V
2.1
3
3.9
IDRVP_x = 0100b, VGSx = 3 V
3.9
4
5.1
IDRVP_x = 0101b, VGSx = 3 V
3.75
5
6.25
IDRVP_x = 0110b, VGSx = 3 V
4.5
6
7.5
IDRVP_x = 0111b, VGSx = 3 V
5.5
7
8.5
IDRVP_x = 1000b, VGSx = 3 V
6
8
10
IDRVP_x = 1001b, VGSx = 3 V
9
12
15
IDRVP_x = 1010b, VGSx = 3 V
12
16
20
IDRVP_x = 1011b, VGSx = 3 V
15
20
25
IDRVP_x = 1100b, VGSx = 3 V
18
24
30
IDRVP_x = 1101b, VGSx = 3 V
23.25
31
38.75
IDRVP_x = 1110b, VGSx = 3 V
28
48
60
IDRVP_x = 1111b, VGSx = 3 V
46
62
78
IDRVP, H/W
Peak gate current (source)
H/W Device
IDRIVE six-level 1, VGSx = 3 V
0.5
1
1.5
mA
IDRIVE six-level 2, VGSx = 3 V
3.9
4
5.1
IDRIVE six-level 3, VGSx = 3 V
6
8
10
IDRIVE six-level 4, VGSx = 3 V
12
16
20
IDRIVE six-level 5, VGSx = 3 V
23.25
31
38.75
IDRIVE six-level 6, VGSx = 3 V
46
62
78
IDRVN, SPI
Peak gate current (sink)
SPI Device
IDRVN_x = 0000b, VGSx = 3 V
0.15
0.5
0.85
mA
IDRVN_x = 0001b, VGSx = 3 V
0.35
1
1.65
IDRVN_x = 0010b, VGSx = 3 V
0.85
2
3.15
IDRVN_x = 0011b, VGSx = 3 V
1.4
3
4.6
IDRVN_x = 0100b, VGSx = 3 V
2.1
4
5.9
IDRVN_x = 0101b, VGSx = 3 V
2.8
5
7.2
IDRVN_x = 0110b, VGSx = 3 V
3.5
6
8.5
IDRVN_x = 0111b, VGSx = 3 V
4.2
7
9.8
IDRVN_x = 1000b, VGSx = 3 V
5
8
11
IDRVN_x = 1001b, VGSx = 3 V
8
12
16
IDRVN_x = 1010b, VGSx = 3 V
11.5
16
20
IDRVN_x = 1011b, VGSx = 3 V
14.7
20
25
IDRVN_x = 1100b, VGSx = 3 V
18
24
30
IDRVN_x = 1101b, VGSx = 3 V
23.25
31
38.75
IDRVN_x = 1110b, VGSx = 3 V
36
48
62
IDRVN_x = 1111b, VGSx = 3 V
46.5
62
80
IDRVN, H/W
Peak gate current (sink)
H/W Device
IDRIVE six-level 1, VGSx = 3 V
0.35
1
1.65
mA
IDRIVE six-level 2, VGSx = 3 V
2.1
4
5.9
IDRIVE six-level 3, VGSx = 3 V
5
8
11
IDRIVE six-level 4, VGSx = 3 V
11.5
16
20
IDRIVE six-level 5, VGSx = 3 V
23.25
31
38.75
IDRIVE six-level 6, VGSx = 3 V
46.5
62
80
IHOLD
Gate pullup hold current
Gate hold source current, VGSx = 3 V
5
16
30
mA
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Similar Part No. - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Similar Description - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com