Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8714-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8714-Q1
Description  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 12Page - Texas Instruments DRV8714-Q1 Datasheet HTML 13Page - Texas Instruments DRV8714-Q1 Datasheet HTML 14Page - Texas Instruments DRV8714-Q1 Datasheet HTML 15Page - Texas Instruments DRV8714-Q1 Datasheet HTML 16Page - Texas Instruments DRV8714-Q1 Datasheet HTML 17Page - Texas Instruments DRV8714-Q1 Datasheet HTML 18Page - Texas Instruments DRV8714-Q1 Datasheet HTML 19Page - Texas Instruments DRV8714-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
4.9 V ≤ VPVDD ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted). Typical limits apply for VPVDD = 13.5 V
and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tBLK, SPI
Sense amplifier output blanking time
SPI Device
CSA_BLK = 000b, % of tDRIVE period
0
%
CSA_BLK = 001b, % of tDRIVE period
25
CSA_BLK = 010b, % of tDRIVE period
37.5
CSA_BLK = 011b, % of tDRIVE period
50
CSA_BLK = 100b, % of tDRIVE period
62.5
CSA_BLK = 101b, % of tDRIVE period
75
CSA_BLK = 110b, % of tDRIVE period
87.5
CSA_BLK = 111b, % of tDRIVE period
100
tBLK, H/W
Sense amplifier output blanking time
H/W Device
0
ns
tSLEW
Output slew rate
CSO = 60 pF
5
V/µs
VBIAS, SPI
Output voltage bias
SPI Device
VSPx = VSNx = 0 V, CSA_DIV = 0b
VAREF / 2
V
VSPx = VSNx = 0 V, CSA_DIV = 1b
VAREF / 8
VBIAS, H/W
Output voltage bias
H/W Device
VAREF / 2
V
VLINEAR
Linear output voltage range
VAREF = 3.3 V = 5 V
0.25
VAREF
0.25
V
VOFF
Input offset voltage
VSPx = VSNx = 0 V, TJ = 25℃
–1.5
1.5
mV
VOFF_D
Input offset voltage drift
VSPx = VSNx = 0 V
±10
±25
µV/
IBIAS
Input bias current
VSPx = VSNx = 0 V
100
µA
IBIAS_OFF
Input bias current offset
ISPx – ISNx
–1
1
µA
IAREF
AREF input current
VVREF = 3.3 V = 5 V
DRV8718-Q1 RVJ, DRV8714-Q1 RVJ
2
3
mA
CMRR
Common mode rejection ratio
DC
75
100
dB
20kHz
80
PSRR
Power supply rejection ratio
PVDD to SOx, DC
120
dB
PVDD to SOx, 20kHz
90
PVDD to SOx, 400kHz
80
PROTECTION CIRCUITS
VPVDD_UV
PVDD undervoltage threshold
VPVDD rising
4.325
4.625
4.9
V
VPVDD falling
4.25
4.525
4.8
VPVDD_UV_H
YS
PVDD undervoltage hysteresis
Rising to falling threshold
100
mV
tPVDD_UV_DG PVDD undervoltage deglitch time
8
10
12.75
µs
VPVDD_OV
PVDD overvoltage threshold
VPVDD rising, PVDD_OV_LVL = 0b
21
22.5
24
V
VPVDD falling, PVDD_OV_LVL = 0b
20
21.5
23
VPVDD rising, PVDD_OV_LVL = 1b
27
28.5
30
VPVDD falling, PVDD_OV_LVL = 1b
26
27.5
29
VPVDD_OV_H
YS
PVDD overvoltage hysteresis
Rising to falling threshold
1
V
tPVDD_OV_DG PVDD overvoltage deglitch time
PVDD_OV_DG = 00b
0.75
1
1.5
µs
PVDD_OV_DG = 01b
1.5
2
2.5
PVDD_OV_DG = 10b
3.25
4
4.75
PVDD_OV_DG = 11b
7
8
9
VDVDD_POR DVDD supply POR threshold
DVDD falling
2.5
2.7
2.9
V
DVDD rising
2.6
2.8
3
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Similar Part No. - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Similar Description - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com