Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8889-Q1 Datasheet(PDF) 35 Page - Texas Instruments

Part # DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8889-Q1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DRV8889-Q1_V02 Datasheet HTML 31Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 32Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 33Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 34Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 35Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 36Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 37Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 38Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
typical), nFAULT pin is released (is pulled-up to the external voltage), and the FAULT bit is reset, but the UVLO
bit remains latched high until cleared through the CLR_FLT bit or an nSLEEP reset pulse.
When the voltage on the VM pin falls below the VM UVLO reset voltage (VRST, 3.9 V maximum), SPI
communication is unavailable, the digital core is shutdown, the FAULT and UVLO bits are low and the nFAULT
pin is high. During the subsequent power-up, when the VM voltage exceeds the VRST voltage, the digital core
comes alive, UVLO bit stays low but the FAULT bit is made high; and the nFAULT pin is pulled low, as shown in
Figure 7-20. When the VM voltage exceeds the VM UVLO rising threshold, FAULT bit is reset, UVLO bit stays
low and the nFAULT pin is pulled high.
7.3.11.2 VCP Undervoltage Lockout (CPUV)
If at any time the voltage on the VCP pin falls below the CPUV voltage, all the outputs are disabled, and the
nFAULT pin is driven low. The charge pump remains active during this condition. The FAULT and CPUV bits are
made high in the SPI registers. Normal operation resumes (motor-driver operation starts, nFAULT released and
FAULT bit is made low) when the VCP undervoltage condition is removed. The CPUV bit remains set until it is
cleared through the CLR_FLT bit or an nSLEEP reset pulse.
7.3.11.3 Overcurrent Protection (OCP)
An analog current-limit circuit on each FET limits the current through the FET by removing the gate drive. If this
current limit persists for longer than the tOCP time, the FETs in that particular H-bridge are disabled and the
nFAULT pin is driven low. The FAULT and OCP bits are latched high in the SPI registers. For xOUTx to VM
short, corresponding OCP_LSx_x bit goes high in the DIAG Status 1 register. Similarly, for xOUTx to ground
short, corresponding OCP_HSx_x bit goes high. For example, for AOUT1 to VM short, OCP_LS1_A bit goes
high; and for BOUT2 to ground short, the OCP_HS2_B bit goes high. The charge pump remains active during
this condition. The overcurrent protection can operate in two different modes: latched shutdown and automatic
retry.
7.3.11.3.1 Latched Shutdown (OCP_MODE = 0b)
In this mode, after an OCP event, the relevant outputs are disabled and the nFAULT pin is driven low. Normal
operation resumes after sending a CLR_FLT command, or an nSLEEP reset pulse or a power cycling. This is
the default mode for an OCP event for the device.
7.3.11.3.2 Automatic Retry (OCP_MODE = 1b)
In this mode, after an OCP event, the relevant outputs are disabled and the nFAULT pin is driven low. Normal
operation resumes automatically (motor-driver operation starts, nFAULT released and FAULT bit goes low) after
the tRETRY time has elapsed and the fault condition is removed.
7.3.11.4 Open-Load Detection (OL)
If the winding current in any coil drops below the open load current threshold (IOL) and the ITRIP level set by the
indexer, and if this condition persists for more than the open load detection time (tOL), an open-load condition is
detected. The EN_OL bit must be '1' to enable open load detection. When an open load fault is detected, the OL
and FAULT bits are latched high in the SPI register and the nFAULT pin is driven low. If the OL_A bit is high, it
indicates an open load fault in winding A, between AOUT1 and AOUT2. Similarly, an open load fault between
BOUT1 and BOUT2 causes the OL_B bit to go high. Normal operation resumes and the nFAULT line is released
when the open load condition is removed and a clear faults command has been issued either through the
CLR_FLT bit or an nSLEEP reset pulse. The fault also clears when the device is power cycled or comes out of
sleep mode.
If the motor is held at a position corresponding to 0°, 90°, 180° or 270° electrical angles, for more than the open
load detection time, open load fault will be flagged, as one of the coil current is zero. This situation does not
arise in full-step mode, because the coil currents are never zero.
7.3.11.5 Stall Detection
Stepper motors have a distinct relation between the winding current, back-EMF, and mechanical torque load of
the motor, as shown in Figure 7-21. As motor load approaches the torque capability of the motor at a given
winding current, the back-EMF will move in phase with the winding current. By detecting back-emf phase shift
www.ti.com
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DRV8889-Q1


Similar Part No. - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
More results

Similar Description - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8899-Q1 TI1-DRV8899-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com