Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8889-Q1 Datasheet(PDF) 50 Page - Texas Instruments

Part # DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8889-Q1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DRV8889-Q1_V02 Datasheet HTML 46Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 47Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 48Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 49Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 50Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 51Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 52Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 53Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Table 7-26. CTRL3 Control Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
5
SPI_DIR
R/W
0b
0b = Outputs follow input pin for DIR
1b = Outputs follow SPI registers DIR
4
SPI_STEP
R/W
0b
0b = Outputs follow input pin for STEP
1b = Outputs follow SPI registers STEP
3-0
MICROSTEP_MODE [3:0]
R/W
0000b
0000b = Full step (2-phase excitation) with 100% current
0001b = Full step (2-phase excitation) with 71% current
0010b = Non-circular 1/2 step
0011b = 1/2 step
0100b = 1/4 step
0101b = 1/8 step
0110b = 1/16 step
0111b = 1/32 step
1000b = 1/64 step
1001b = 1/128 step
1010b = 1/256 step
1011b to 1111b = Reserved
7.6.9 CTRL4 Control Register (address = 0x06)
CTRL4 is shown in Figure 7-40 and described in Table 7-27.
Read/Write
Figure 7-40. CTRL4 Control Register
7
6
5
4
3
2
1
0
CLR_FLT
LOCK [2:0]
EN_OL
OCP_MODE
OTSD_MODE
TW_REP
R/W-0b
R/W-011b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
Table 7-27. CTRL4 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
CLR_FLT
R/W
0b
Write '1' to this bit to clear all latched fault bits. This bit
automatically resets after being written.
6-4
LOCK [2:0]
R/W
011b
Write 110b to lock the settings by ignoring further register writes
except to these bits and address 0x06h bit 7 (CLR_FLT). Writing
any sequence other than 110b has no effect when unlocked.
Write 011b to this register to unlock all registers. Writing any
sequence other than 011b has no effect when locked.
3
EN_OL
R/W
0b
Write '1' to enable open load detection
2
OCP_MODE
R/W
0b
0b = Overcurrent condition causes a latched fault
1b = Overcurrent condition causes an automatic retrying fault
1
OTSD_MODE
R/W
0b
0b = Overtemperature condition will cause latched fault
1b = Overtemperature condition will cause automatic recovery
fault
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
www.ti.com
50
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8889-Q1


Similar Part No. - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
More results

Similar Description - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8899-Q1 TI1-DRV8899-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com