Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8889-Q1 Datasheet(PDF) 51 Page - Texas Instruments

Part # DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8889-Q1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DRV8889-Q1_V02 Datasheet HTML 47Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 48Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 49Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 50Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 51Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 52Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 53Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 54Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
Table 7-27. CTRL4 Control Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
0
TW_REP
R/W
0b
0b = Overtemperature or undertemperature warning is not
reported on the nFAULT line
1b = Overtemperature or undertemperature warning is reported
on the nFAULT line
7.6.10 CTRL5 Control Register (address = 0x07)
CTRL5 for DRV8889A-Q1 is shown in Figure 7-41 and described in Table 7-28.
CTRL5 for DRV8889-Q1 is shown in Figure 7-42 and described in Table 7-29.
DRV8889A-Q1 features programable open-load detection time using the OL_TIME [1:0] bits and programmable
slow-decay to drive blanking time using the EN_SR_BLANK bit.
Read/Write
Figure 7-41. CTRL5 Control Register for DRV8889A-Q1
7
6
5
4
3
2
1
0
RSVD
STL_LRN
EN_STL
STL_REP
OL_TIME [1:0]
EN_SR_BLANK
R/W-00b
R/W-0b
R/W-0b
R/W-1b
R/W-00b
R/W-0b
Figure 7-42. CTRL5 Control Register for DRV8889-Q1
7
6
5
4
3
2
1
0
RSVD
STL_LRN
EN_STL
STL_REP
RSVD
R/W-00b
R/W-0b
R/W-0b
R/W-1b
R/W-000b
Table 7-28. CTRL5 Control Register Field Descriptions for DRV8889A-Q1
Bit
Field
Type
Default
Description
7-6
RSVD
R/W
00b
Reserved. Should always be '00'.
5
STL_LRN
R/W
0b
Write '1' to learn stall count for stall detection. This bit
automatically returns to '0' when the stall learning process is
complete.
4
EN_STL
R/W
0b
0b = Stall detection is disabled
1b = Stall detection is enabled
3
STL_REP
R/W
1b
0b = Stall detection is not reported on nFAULT
1b = Stall detection is reported on nFAULT
2-1
OL_TIME [1:0]
R/W
00b
00b = 200ms (max.) open load detection time
01b = 125ms (max.) open load detection time
10b = 75ms (max.) open load detection time
11b = 3ms (max.) open load detection time
0
EN_SR_BLANK
R/W
0b
0b = 500ns slow-decay to drive blanking time
1b = slow-decay to drive blanking will depend on slew rate,
shown in Table 7-9.
Table 7-29. CTRL5 Control Register Field Descriptions for DRV8889-Q1
Bit
Field
Type
Default
Description
7-6
RSVD
R/W
00b
Reserved. Should always be '00'.
www.ti.com
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: DRV8889-Q1


Similar Part No. - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
More results

Similar Description - DRV8889-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8899-Q1 TI1-DRV8899-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com