Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6741-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741-Q1
Description  ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6741-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO6741-Q1 Datasheet HTML 18Page - Texas Instruments ISO6741-Q1 Datasheet HTML 19Page - Texas Instruments ISO6741-Q1 Datasheet HTML 20Page - Texas Instruments ISO6741-Q1 Datasheet HTML 21Page - Texas Instruments ISO6741-Q1 Datasheet HTML 22Page - Texas Instruments ISO6741-Q1 Datasheet HTML 23Page - Texas Instruments ISO6741-Q1 Datasheet HTML 24Page - Texas Instruments ISO6741-Q1 Datasheet HTML 25Page - Texas Instruments ISO6741-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO674x-Q1 devices are high-performance, quad-channel digital isolators. These devices come with enable
pins on each side which can be used to put the respective outputs in high impedance for multi master driving
applications. The ISO674x-Q1 devices use single-ended CMOS-logic switching technology. The supply voltage
range is from 1.71 V to 5.5 V for both supplies, VCC1 and VCC2. Since an isolation barrier separates the two
sides, each side can be sourced independently with any voltage within recommended operating conditions. As
an example, it is possible to supply ISO674x-Q1 VCC1 with 3.3 V (which is within 1.71 V to 5.5 V) and VCC2 with
5V (which is also within 1.71 V to 5.5 V). You can use the digital isolator as a logic-level translator in addition to
providing isolation. When designing with digital isolators, keep in mind that because of the single-ended design
structure, digital isolators do not conform to any specific interface standard and are only intended for isolating
single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that
is, μC or UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
Figure 9-1 shows ISO6741-Q1 in a belt starter generator application.
MCU
TMS570
ISO6741-Q1
TCAN1043
CANH
CANL
WAKE
48 V Side
12 V Side
nSTB
EN
TXD
RXD
Figure 9-1. Belt Starter Generator Application
ISO6741-Q1
SLLSFG4 – AUGUST 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO6741-Q1


Similar Part No. - ISO6741-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
More results

Similar Description - ISO6741-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6741-Q1 TI-ISO6741-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1_V01 Datasheet
3Mb / 46P
[Old version datasheet]   ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741 TI-ISO6741_V01 Datasheet
1Mb / 35P
[Old version datasheet]   ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
[Old version datasheet]   ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
[Old version datasheet]   ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6721-Q1 TI1-ISO6721-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com