Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E08 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E08
Description  LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK61E08 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LMK61E08 Datasheet HTML 33Page - Texas Instruments LMK61E08 Datasheet HTML 34Page - Texas Instruments LMK61E08 Datasheet HTML 35Page - Texas Instruments LMK61E08 Datasheet HTML 36Page - Texas Instruments LMK61E08 Datasheet HTML 37Page - Texas Instruments LMK61E08 Datasheet HTML 38Page - Texas Instruments LMK61E08 Datasheet HTML 39Page - Texas Instruments LMK61E08 Datasheet HTML 40Page - Texas Instruments LMK61E08 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
37
LMK61E08
www.ti.com
SNAS805 – JUNE 2020
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.6.1.33 NVMLCRC Register; R50
The NVMLCRC register holds the Live CRC (Cyclic Redundancy Check) byte.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:0]
NVMLCRC[7:0]
R
0x00
N
EEPROM Live CRC.
8.6.1.34 MEMADR Register; R51
The MEMADR register holds 7-bits of the starting address for on-chip SRAM or EEPROM access.
BIT NO.
FIELD
TYPE
DEFAU
LT
EEPROM
DESCRIPTION
[7]
RESERVED
-
-
N
Reserved.
[6:0]
MEMADR[6:0]
RW
0x00
N
Memory Address. The MEMADR value determines the starting
address for on-chip SRAM read/write access or on-chip
EEPROM access. The internal address to access SRAM or
EEPROM is automatically incremented; however the MEMADR
register does not reflect the internal address in this way. When
the SRAM or EEPROM arrays are accessed using the I2C
interface only bits [4:0] of MEMADR are used to form the byte
Wise address.
8.6.1.35 NVMDAT Register; R52
The NVMDAT register returns the on-chip EEPROM contents from the starting address specified by the
MEMADR register.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:0]
NVMDAT[7:0]
-
-
N
Reserved.
8.6.1.36 RAMDAT Register; R53
The RAMDAT register provides read and write access to the SRAM that forms part of the on-chip EEPROM
module.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:0]
RAMDAT[7:0]
-
-
N
Reserved.
8.6.1.37 NVMUNLK Register; R56
The NVMUNLK register provides a rudimentary level of protection to prevent inadvertent programming of the on-
chip EEPROM.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:0]
NVMUNLK[7:0]
RW
0x00
N
EEPROM Prog Unlock. The NVMUNLK register must be
written immediately prior to setting the NVMPROG bit of
register NVMCTL, otherwise the Erase/Program cycle will not
be triggered. NVMUNLK must be written with a value of 0xBE.


Similar Part No. - LMK61E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com