Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF15N10A Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF15N10A
Description  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF15N10A Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF15N10A Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF15N10A Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF15N10A Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF15N10A Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF15N10A Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.098
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V , ID=5A
---
90
110
VGS=4.5V , ID=2A
---
110
150
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.0
1.5
2.5
V
IDSS
Drain-Source Leakage Current
VDS=80V , VGS=0V , TJ=25℃
---
---
1
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=5A
3.5
---
---
S
Qg
Total Gate Charge (10V)
VDS=50V , VGS=10V , ID=5A
---
21.5
---
nC
Qgs
Gate-Source Charge
---
3.2
---
Qgd
Gate-Drain Charge
---
6.0
---
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V , RG=6Ω
ID=1A , RL=30Ω
---
11
24
ns
Tr
Rise Time
---
7.4
15
Td(off)
Turn-Off Delay Time
---
35
45
Tf
Fall Time
---
9.1
12
Ciss
Input Capacitance
VDS=30V , VGS=0V , f=1MHz
---
730
pF
Coss
Output Capacitance
---
37
Crss
Reverse Transfer Capacitance
---
27
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
10
A
VSD
Diode Forward Voltage2
VGS=0V , IS=10A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=10A , dI/dt=100A/µs , TJ=25℃
17
21
61
nS
Qrr
Reverse Recovery Charge
61
97
113
nC
Diode Characteristics
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
WSF15N10A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition:Tj=25℃,VDD=50V,VG=10V,L=0.5mH,Rg=25
---
---
---


Similar Part No. - WSF15N10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF15N10 DOINGTER-WSF15N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSF15N10G WIINSOK-WSF15N10G Datasheet
2Mb / 6P
   N-Ch MOSFET
More results

Similar Description - WSF15N10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com