Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR50410-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMR50410-Q1
Description  LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR50410-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMR50410-Q1 Datasheet HTML 11Page - Texas Instruments LMR50410-Q1 Datasheet HTML 12Page - Texas Instruments LMR50410-Q1 Datasheet HTML 13Page - Texas Instruments LMR50410-Q1 Datasheet HTML 14Page - Texas Instruments LMR50410-Q1 Datasheet HTML 15Page - Texas Instruments LMR50410-Q1 Datasheet HTML 16Page - Texas Instruments LMR50410-Q1 Datasheet HTML 17Page - Texas Instruments LMR50410-Q1 Datasheet HTML 18Page - Texas Instruments LMR50410-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN pin provides electrical ON/OFF control for the LMR50410-Q1. When VEN is below 0.95 V, the device is in
shutdown mode. The LMR50410-Q1 also employs VIN undervoltage lock out protection (UVLO). If VIN voltage is
below its UVLO threshold 3.25 V, the converter is turned off.
8.4.2 Active Mode
The LMR50410-Q1 is in Active Mode when both VEN and VIN are above their respective operating threshold. The
simplest way to enable the LMR50410-Q1 is to connect the EN pin to VIN pin. This allows self-start-up when the
input voltage is in the operating range of 4.0 V to 36 V. See Section 8.3.3 for details on setting these operating
levels.
In Active Mode, depending on the load current, the LMR50410-Q1 is in one of four modes:
1. Continuous conduction mode (CCM) with fixed switching frequency when load current is greater than half of
the peak-to-peak inductor current ripple
2. Discontinuous conduction mode (DCM) with fixed switching frequency when load current is less than half of
the peak-to-peak inductor current ripple
3. Pulse frequency modulation mode (PFM) when switching frequency is decreased at very light load
8.4.3 CCM Mode
Continuous Conduction Mode (CCM) operation is employed in the LMR50410-Q1 when the load current is
greater than half of the peak-to-peak inductor current. In CCM operation, the frequency of operation is fixed,
output voltage ripple is at a minimum in this mode and the maximum output current of 1 A can be supplied by the
LMR50410-Q1.
8.4.4 Light-Load Operation (PFM Version)
For PFM version, when the load current is lower than half of the peak-to-peak inductor current in CCM, the
LMR50410-Q1 operates in Discontinuous Conduction Mode (DCM), also known as Diode Emulation Mode
(DEM). In DCM operation, the low-side switch is turned off when the inductor current drops to ILS_ZC (20 mA
typical) to improve efficiency. Both switching losses and conduction losses are reduced in DCM, compared to
forced PWM operation at light load.
During light load operation, Pulse Frequency Modulation (PFM) mode is activated to maintain high efficiency
operation. When either the minimum high-side switch ON time tON_MIN or the minimum peak inductor current
IPEAK_MIN (300 mA typical) is reached, the switching frequency decreases to maintain regulation. In PFM mode,
switching frequency is decreased by the control loop to maintain output voltage regulation when load current
reduces. Switching loss is further reduced in PFM operation due to a significant drop in effective switching
frequency.
www.ti.com
LMR50410-Q1
SLUSDW4 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LMR50410-Q1


Similar Part No. - LMR50410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results

Similar Description - LMR50410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
[Old version datasheet]   LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
[Old version datasheet]   LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
[Old version datasheet]   TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com