Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC24T245 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AVC24T245
Description  24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC24T245 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVC24T245_V01 Datasheet HTML 1Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 2Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 3Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 4Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 5Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Table 5-2. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
J1
4B3
Input/Output
Referenced to VCCB.
J2
4B4
Input/Output
Referenced to VCCB.
J3
GND
Ground.
J4
GND
Ground.
J5
4A4
Input/Output
Referenced to VCCA.
J6
4A3
Input/Output
Referenced to VCCA.
K1
5B1
Input/Output
Referenced to VCCB.
K2
5B2
Input/Output
Referenced to VCCB.
K3
GND
Ground.
K4
GND
Ground.
K5
5A2
Input/Output
Referenced to VCCA.
K6
5A1
Input/Output
Referenced to VCCA.
L1
5B3
Input/Output
Referenced to VCCB.
L2
5B4
Input/Output
Referenced to VCCB.
L3
VCCB
B-port supply voltage. 1.2 V ≤ VCCB ≤ 3.6 V.
L4
VCCA
A-port supply voltage. 1.2 V ≤ VCCA ≤ 3.6 V.
L5
5A4
Input/Output
Referenced to VCCA.
L6
5A3
Input/Output
Referenced to VCCA.
M1
6B1
Input/Output
Referenced to VCCB.
M2
6B2
Input/Output
Referenced to VCCB.
M3
GND
Ground.
M4
GND
Ground.
M5
6A2
Input/Output
Referenced to VCCA.
M6
6A1
Input/Output
Referenced to VCCA.
N1
6B3
Input/Output
Referenced to VCCB.
N2
6B4
Input/Output
Referenced to VCCB.
N3
VCCB
B-port supply voltage. 1.2 V ≤ VCCB ≤ 3.6 V.
N4
VCCA
A-port supply voltage. 1.2 V ≤ VCCA ≤ 3.6 V.
N5
6A4
Input/Output
Referenced to VCCA.
N6
6A3
Input/Output
Referenced to VCCA.
P1
6DIR
Input
Direction-control signal. Referenced to VCCA.
P2
5DIR
Input
Direction-control signal. Referenced to VCCA.
P3
4DIR
Input
Direction-control signal. Referenced to VCCA.
P4
3DIR
Input
Direction-control signal. Referenced to VCCA.
P5
2DIR
Input
Direction-control signal. Referenced to VCCA.
P6
1DIR
Input
Direction-control signal. Referenced to VCCA.
www.ti.com
SN74AVC24T245
SCES552E – FEBRUARY 2004 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5


Similar Part No. - SN74AVC24T245_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI1-SN74AVC24T245GRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245ZRGR TI-SN74AVC24T245ZRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245ZRGR TI-SN74AVC24T245ZRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC24T245_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI1-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com