Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4021 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV4021_V03 Datasheet HTML 24Page - Texas Instruments TLV4021_V03 Datasheet HTML 25Page - Texas Instruments TLV4021_V03 Datasheet HTML 26Page - Texas Instruments TLV4021_V03 Datasheet HTML 27Page - Texas Instruments TLV4021_V03 Datasheet HTML 28Page - Texas Instruments TLV4021_V03 Datasheet HTML 29Page - Texas Instruments TLV4021_V03 Datasheet HTML 30Page - Texas Instruments TLV4021_V03 Datasheet HTML 31Page - Texas Instruments TLV4021_V03 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Aug-2020
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLV4021R1YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
Z
TLV4021R2YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
6
TLV4021S5YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SAC396 | SNAGCU
Level-1-260C-UNLIM
-40 to 125
O
TLV4031R1YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
1
TLV4031R2YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
7
TLV4041R1YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
2
TLV4041R2YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
8
TLV4041R5DBVR
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
-40 to 125
23XT
TLV4051R1YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
C
TLV4051R2YKAR
ACTIVE
DSBGA
YKA
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
9
TLV4051R5DBVR
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
-40 to 125
23ZT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.


Similar Part No. - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results

Similar Description - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Threshold
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
[Old version datasheet]   TLV4011-Q1 Low-Power Comparator with Precision Reference
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
[Old version datasheet]   Nano-Power, Small-Size, Low-Voltage Comparator
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com