Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4021 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV4021_V03 Datasheet HTML 21Page - Texas Instruments TLV4021_V03 Datasheet HTML 22Page - Texas Instruments TLV4021_V03 Datasheet HTML 23Page - Texas Instruments TLV4021_V03 Datasheet HTML 24Page - Texas Instruments TLV4021_V03 Datasheet HTML 25Page - Texas Instruments TLV4021_V03 Datasheet HTML 26Page - Texas Instruments TLV4021_V03 Datasheet HTML 27Page - Texas Instruments TLV4021_V03 Datasheet HTML 28Page - Texas Instruments TLV4021_V03 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
IN
V-
V+
V
BAT
C1 (0402)
OUT
25
TLV4021, TLV4031, TLV4041, TLV4051
www.ti.com
SNVSB04B – MARCH 2019 – REVISED JUNE 2020
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Power Supply Recommendations
These devices operate from an input voltage supply range between 1.7 V and 5.5 V.
10 Layout
10.1 Layout Guidelines
A power supply bypass capacitor of 100 nF is recommended when supply output impedance is high, supply
traces are long, or when excessive noise is expected on the supply lines. Bypass capacitors are also
recommended when the comparator output drives a long trace or is required to drive a capacitive load. Due to
the fast rising and falling edge rates and high-output sink and source capability of the TLV40x1 output stage,
higher than normal quiescent current can be drawn from the power supply when the output transitions. Under this
circumstance, the system would benefit from a bypass capacitor across the supply pins.
10.2 Layout Example
Figure 46. Layout Example


Similar Part No. - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results

Similar Description - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Threshold
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
[Old version datasheet]   TLV4011-Q1 Low-Power Comparator with Precision Reference
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
[Old version datasheet]   Nano-Power, Small-Size, Low-Voltage Comparator
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com