Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1208-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1208-Q1
Description  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX1208-Q1 Datasheet HTML 15Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 16Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 17Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 18Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 19Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 20Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 21Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 22Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
8.3.5 Device Functional Modes
When the EN pin of the TMUX1208-Q1 is pulled high, one of the switches is closed based on the state of the
address lines. When the EN pin is pulled low, all the switches are in an open state regardless of the state of the
address lines.
The TMUX1208-Q1 can be operated without any external components except for the supply decoupling
capacitors. Unused logic control pins should be tied to GND or VDD in order to ensure the device does not
consume additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path
inputs (Sx or D) should be connected to GND.
8.3.6 Truth Tables
Table 8-1 shows the truth tables for the TMUX1208-Q1.
Table 8-1. TMUX1208-Q1 Truth Table
EN A2
A1
A0 Selected Inputs Connected To Drain (D) Pin
0
X(1) X(1) X(1)
All channels are off
1
0
0
0
S1
1
0
0
1
S2
1
0
1
0
S3
1
0
1
1
S4
1
1
0
0
S5
1
1
0
1
S6
1
1
1
0
S7
1
1
1
1
S8
(1)
X denotes don't care.
www.ti.com
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX1208-Q1


Similar Part No. - TMUX1208-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208 Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208 TI1-TMUX1208 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

Similar Description - TMUX1208-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
[Old version datasheet]   SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com