Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

660NM Datasheet(PDF) 4 Page - Gilway Technical Lamp

Part # 660NM
Description  SMT LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

660NM Datasheet(HTML) 4 Page - Gilway Technical Lamp

  660NM Datasheet HTML 1Page - Gilway Technical Lamp 660NM Datasheet HTML 2Page - Gilway Technical Lamp 660NM Datasheet HTML 3Page - Gilway Technical Lamp 660NM Datasheet HTML 4Page - Gilway Technical Lamp 660NM Datasheet HTML 5Page - Gilway Technical Lamp 660NM Datasheet HTML 6Page - Gilway Technical Lamp 660NM Datasheet HTML 7Page - Gilway Technical Lamp 660NM Datasheet HTML 8Page - Gilway Technical Lamp 660NM Datasheet HTML 9Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
TECHNICAL DATA 5V/12V LED WITH INTERNAL RESISTANCE
Unit
Absolute Maximum
Ratings
(TA=25oC)
590nm
(GaAsP/GaP)
660nm
(GaAlAs)
625nm
(GaAsP/GaP)
Reverse Voltage
Forward Current (Peak)
t
≤10us
Derating linear from 50oC
Power Dissipation
Operating/Storage
Temperature
Unit
Operating
Characteristics
(TA=25oC)
590nm
(GaAsP/GaP)
660nm
(GaAlAs)
625nm
(GaAsP/GaP)
5
150
0.7
310
-40 to +85
5
150
0.7
310
-40 to +85
5
150
0.7
310
-40 to +85
5
200
0.35
300
-40 to +85
V
mA
mA
mW
oC
12
11
10
625
45
12
11
10
590
35
12
11
10
565
30
13
10
10
660
20
mA
mA
uA
nm
nm
565nm
(GaP)
Forward Current (typ)
VF=5V
VF=12V
Reverse Current
V
R=5v
Wavelength at Peak
Emmission
I
F=20mA
Spectraline half-width
I
F=20mA
565nm
(GaP)
RELATIVE INTENSITY VS. WAVELENGTH
87


Similar Part No. - 660NM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
   Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
   3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Vishay Siliconix
660#10ACD10 VISHAY-660#10ACD10 Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
More results

Similar Description - 660NM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLXH1102 TOSHIBA-TLXH1102 Datasheet
292Kb / 6P
   SMT LEDs
logo
Visual Communications C...
CMD91-21 VCC-CMD91-21 Datasheet
741Kb / 1P
   SMT LEDs
CMD67-22 VCC-CMD67-22 Datasheet
582Kb / 1P
   SMT LEDs
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
   SMT LEDs
CMD67-21 VCC-CMD67-21 Datasheet
613Kb / 1P
   SMT LEDs
CMD93-21 VCC-CMD93-21 Datasheet
646Kb / 1P
   SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
   Bicolor SMT LEDs
CMD67-21UWC VCC-CMD67-21UWC Datasheet
543Kb / 1P
   White SMT LEDs
7016X VCC-7016X Datasheet
827Kb / 1P
   Bicolor SMT LEDs
7011X VCC-7011X Datasheet
627Kb / 1P
   Bicolor SMT LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com