Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTD18A-133TQC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTD18A-133TQC
Description  3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTD18A-133TQC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C33512NTD18A-133TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33512NTD18A-133TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
®
AS7C33512NTD18A
11/30/04;
v.2.1
Alliance Semiconductor
9 of 19
Timing characteristics over operating range for 3.3V I/O
Parameter
Symbol
–166
–133
Unit
Notes1
1 Refer to “notes” on page 16.
Min
Max
Min
Max
Clock frequency
fMax
–166–133
MHz
Cycle time
tCYC
6–
7.5
ns
Clock access time
tCD
–3.5–4.0
ns
Output enable LOW to data valid
tOE
–3.5–4.0
ns
Clock HIGH to output Low Z
tLZC
0
0
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5–1.5
ns
2
Output enable LOW to output Low Z
tLZOE
0
0
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
3.5
4.0
ns
2,3,4
Clock HIGH to output High Z
tHZC
3.5
4.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0–
0–
ns
Clock HIGH pulse width
tCH
2.4–2.5
ns
5
Clock LOW pulse width
tCL
2.4–2.5
ns
5
Address setup to clock HIGH
tAS
1.5–1.5
ns
6
Data setup to clock HIGH
tDS
1.5–1.5
ns
6
Write setup to clock HIGH
tWS
1.5
1.5
ns
6,7
Chip select setup to clock HIGH
tCSS
1.5
1.5
ns
6,8
Address hold from clock HIGH
tAH
0.5–0.5
ns
6
Data hold from clock HIGH
tDH
0.5–0.5
ns
6
Write hold from clock HIGH
tWH
0.5
0.5
ns
6,7
Chip select hold from clock HIGH
tCSH
0.5
0.5
ns
6,8
Clock enable setup to clock HIGH
tCENS
1.5–1.5
ns
6
Clock enable hold from clock HIGH
tCENH
0.5–0.5
ns
6
ADV/LD
setup to clock HIGH
tADVS
1.5–1.5
ns
6
ADV/LD
hold from clock HIGH
tADVH
0.5–0.5
ns
6


Similar Part No. - AS7C33512NTD18A-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQC ALSC-AS7C33512NTD32A-133TQC Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQCN ALSC-AS7C33512NTD32A-133TQCN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQI ALSC-AS7C33512NTD32A-133TQI Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQIN ALSC-AS7C33512NTD32A-133TQIN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C33512NTD18A-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com