Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTD32A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTD32A
Description  3.3V 512K x 32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTD32A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33512NTD32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33512NTD32A
AS7C33512NTD36A
4/21/05, v 2.8
Alliance Semiconductor
P. 1 of 18
3.3V 512K × 32/36 Pipelined SRAM with NTDTM
Features
• Organization: 524,288 words × 32 or 36 bits
•NTDarchitecture for efficient bus operation
• Fast clock speeds to 166 MHz
• Fast clock to data access: 3.4/3.8 ns
•Fast OE access time: 3.4/3.8 ns
• Fully synchronous operation
• Asynchronous output enable control
• Available in 100-pin TQFP packages
• Individual byte write and global write
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed write cycles
• Interleaved or linear burst modes
• Snooze mode for standby operation
Logic block diagram
Selection guide
-166
-133
Units
Minimum cycle time
6
7.5
ns
Maximum clock frequency
166
133
MHz
Maximum clock access time
3.4
3.8
ns
Maximum operating current
300
275
mA
Maximum standby current
90
80
mA
Maximum CMOS standby current (DC)
60
60
mA
Address
D
Q
CLK
register
Output
Register
DQ[a,b,c,d]
19
19
CLK
CE0
CE1
CE2
A[18:0]
OE
CLK
CEN
Control
CLK
logic
Data
D
Q
CLK
Input
Register
32/36
32/36
OE
512K x 32/36
SRAM
Array
R/W
DQ[a,b,c,d]
BWb
BWd
CLK
Q
D
ADV / LD
LBO
Burst logic
addr. registers
Write delay
19
ZZ
CLK
32/36
32/36
32/36
32/36
BWc
BWa


Similar Part No. - AS7C33512NTD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512NTD18A-133TQC ALSC-AS7C33512NTD18A-133TQC Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512NTD18A-133TQCN ALSC-AS7C33512NTD18A-133TQCN Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512NTD18A-133TQI ALSC-AS7C33512NTD18A-133TQI Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512NTD18A-133TQIN ALSC-AS7C33512NTD18A-133TQIN Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
More results

Similar Description - AS7C33512NTD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com