Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTD18A-166TQCN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTD18A-166TQCN
Description  3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTD18A-166TQCN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C33512NTD18A-166TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
®
AS7C33512NTD18A
11/30/04;
v.2.1
Alliance Semiconductor
3 of 19
Pin arrangement for TQFP
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
NC
VDD
NC
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQpb
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A
NC
NC
VDDQ
VSSQ
NC
DQpa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
VDD
TQFP 14 × 20mm


Similar Part No. - AS7C33512NTD18A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQC ALSC-AS7C33512NTD32A-133TQC Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQCN ALSC-AS7C33512NTD32A-133TQCN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQI ALSC-AS7C33512NTD32A-133TQI Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQIN ALSC-AS7C33512NTD32A-133TQIN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C33512NTD18A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com