Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTD18A-166TQCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTD18A-166TQCN
Description  3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTD18A-166TQCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C33512NTD18A-166TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTD18A-166TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
®
AS7C33512NTD18A
11/30/04;
v.2.1
Alliance Semiconductor
5 of 19
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The
duration of SNOOZE MODE is dictated by the length of time the ZZ is in a High state.
The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE.
When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all
inputs except ZZ is disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not
guaranteed to successfully complete. Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid
pending operations are completed. Similarly, when exiting SNOOZE MODE during tPUS, only a DESELECT or READ cycle
should be given while the SRAM is transitioning out of SNOOZE MODE.
Signal descriptions
Signal
I/O Properties
Description
CLK
I
CLOCK
Clock. All inputs except OE, LBO, and ZZ are synchronous to this clock.
CEN
I
SYNC
Clock enable. When de-asserted HIGH, the clock input signal is masked.
A, A0, A1
I
SYNC
Address. Sampled when all chip enables are active and ADV/LD is asserted.
DQ[a,b]
I/O
SYNC
Data. Driven as output when the chip is enabled and OE is active.
CE0, CE1,
CE2
I
SYNC
Synchronous chip enables. Sampled at the rising edge of CLK, when ADV/LD is asserted.
Are ignored when ADV/LD is HIGH.
ADV/LD
I
SYNC
Advance or Load. When sampled HIGH, the internal burst address counter will increment
in the order defined by the LBO input value. (refer to table on page 2) When LOW, a new
address is loaded.
R/W
I
SYNC
A HIGH during LOAD initiates a READ operation. A LOW during LOAD initiates a
WRITE operation. Is ignored when ADV/LD is HIGH.
BW[a,b]
I
SYNC
Byte write enables. Used to control write on individual bytes. Sampled along with WRITE
command and BURST WRITE.
OE
I
ASYNC
Asynchronous output enable. I/O pins are not driven when OE is inactive.
LBO
ISTATIC
Selects Burst mode. When tied to VDD or left floating, device follows Interleaved Burst
order. When driven Low, device follows linear Burst order. This signal is internally pulled
High.
ZZ
I
ASYNC
Snooze. Places device in low power mode; data is retained. Connect to VSS if unused.
NC
-
-
No connects. Note that pin 84 will be used for future address expansion to 18Mb density.


Similar Part No. - AS7C33512NTD18A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQC ALSC-AS7C33512NTD32A-133TQC Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQCN ALSC-AS7C33512NTD32A-133TQCN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQI ALSC-AS7C33512NTD32A-133TQI Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQIN ALSC-AS7C33512NTD32A-133TQIN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C33512NTD18A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com