Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTF32A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTF32A
Description  3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTF32A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C33512NTF32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTF32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
AS7C33512NTF32A/36A
4/21/05, v 1.3
Alliance Semiconductor
P. 4 of 18
Functional Description
The AS7C33512NTF32A/36A family is a high performance CMOS 16 Mbit synchronous Static Random Access Memory
(SRAM) organized as 524,288 words × 32 or 36 bits and incorporates a LATE Write.
This variation of the 16Mb+ synchronous SRAM uses the No Turnaround Delay (NTD) architecture, featuring an enhanced
write operation that improves bandwidth over flowthrough burst devices. In a normal flowthrough burst device, the write data,
command, and address are all applied to the device on the same clock edge. If a read command follows this write command,
the system must wait for one dead cycle for valid data to become available. This dead cycle can significantly reduce overall
bandwidth for applications requiring random access or read-modify-write operations.
NTDdevices use the memory bus more efficiently by introducing a write latency which matches the one-cycle flow-
through read latency. Write data is applied one cycle after the write command and address, allowing the read pipeline to clear.
With NTD, write and read operations can be used in any order without producing dead bus cycles.
Assert R/W low to perform write cycles. Byte write enable controls write access to specific bytes, or can be tied low for full 36
bit writes. Write enable signals, along with the write address, are registered on a rising edge of the clock. Write data is applied
to the device one clock cycle later. Unlike some asynchronous SRAMs, output enable OE does not need to be toggled for write
operations; it can be tied low for normal operations. Outputs go to a high impedance state when the device is de-selected by
any of the three chip enable inputs.
Use the ADV (burst advance) input to perform burst read, write and deselect operations. When ADV is high, external addresses, chip
select, R/W pins are ignored, and internal address counters increment in the count sequence specified by the LBO control. Any
device operations, including burst, can be stalled using the CEN=1, the clock enable input.
The AS7C33512NTF32A/36A operates with a 3.3V ± 5% power supply for the device core (VDD). DQ circuits use a separate
power supply (VDDQ) that operates across 3.3V or 2.5V ranges. These devices are available in a 100-pin TQFP package.
TQFP capacitance
* Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
VIN = 0V
-
5
pF
I/O capacitance
CI/O*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W


Similar Part No. - AS7C33512NTF32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A-10TQC ALSC-AS7C33512NTF18A-10TQC Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A-10TQCN ALSC-AS7C33512NTF18A-10TQCN Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A-10TQI ALSC-AS7C33512NTF18A-10TQI Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A-10TQIN ALSC-AS7C33512NTF18A-10TQIN Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
More results

Similar Description - AS7C33512NTF32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
   3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF32B ALSC-AS7C33128NTF32B Datasheet
416Kb / 18P
   3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF32A ALSC-AS7C33256NTF32A Datasheet
427Kb / 18P
   3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
   3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com