Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34098A-10TC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C34098A-10TC
Description  3.3 V 256 K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098A-10TC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C34098A-10TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C34098A-10TC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C34098A
8/17/04,v. 2.1
Alliance Semiconductor
P. 9 of 10
Note: Add suffix ‘N’ to the above part numbers for Lead Free Parts. (EX: AS7C34098A - 10TCN)
Ordering Codes
Package
Temperature
10 ns
12 ns
15 ns
20 ns
SOJ
Commercial
AS7C34098A-10JC
AS7C34098A-12JC
AS7C34098A-15JC
AS7C34098A-20JC
Industrial
AS7C34098A-10JI
AS7C34098A-12JI
AS7C34098A-15JI
AS7C34098A-20JI
TSOP 2
Commercial
AS7C34098A-10TC
AS7C34098A-12TC
AS7C34098A-15TC
AS7C34098A-20TC
Industrial
AS7C34098A-10TI
AS7C34098A-12TI
AS7C34098A-15TI
AS7C34098A-20TI
Part numbering system
AS7C
X
4098A
–XX
J or T
X
X
SRAM prefix
Voltage:
3 - 3.3V CMOS
Device
number
Access
time
Packages:
J: SOJ 400 mil
T: TSOP 2
Temperature ranges:
C: Commercial, 0°C to 70°C
I: Industrial, –40°C to 85°C
N = Lead Free Parts


Similar Part No. - AS7C34098A-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
   fully static operation
More results

Similar Description - AS7C34098A-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4098A ALSC-AS7C4098A_06 Datasheet
257Kb / 11P
   5.0 V 256 K 횞 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
List of Unclassifed Man...
M21L216128A ETC1-M21L216128A Datasheet
209Kb / 14P
   128 K x 16 SRAM HIGH SPEED CMOS SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
STMicroelectronics
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com