Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9C25128M2036L-200FC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS9C25128M2036L-200FC
Description  2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25128M2036L-200FC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS9C25128M2036L-200FC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS9C25128M2036L-200FC Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AS9C25256M2036L
AS9C25128M2036L
9/30/04, v.1.3
Alliance Semiconductor
P. 9 of 30
®
Package Thermal Resistance
Notes:
1. This parameter is sampled.
Capacitance[1] (TA = +25 °C, F = 1.0 Mhz)[2]
Notes:
1. Sampled, not 100% tested
2. TA stands for 'Ambient temperature'.
3. L = 0V; H = 3V
Absolute maximum ratings[1]
Notes:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating for extended
periods may affect reliability.
Description
Conditions
Symbol
Typical
Units
Thermal Resistance (junction to
ambient)[1]
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51
BGA
θJA
TBD
°C/W
fpBGA
θJA
TBD
°C/W
PQFP
θJA
TBD
°C/W
Thermal Resistance (junction to
top of case)[1]
θJC
TBD
°C/W
Parameter
Symbol
Signals
Test Condition[3]
BGA
(Max)
fpBGA
(Max)
PQFP
(Max)
Unit
Input Capacitance
CIN
Address and
Control pins
VIN = L to H or H to L
TBD
TBD
TBD
pF
Output Capacitance
COUT
Flag Output pins VOUT = L to H or H to L
TBD
TBD
TBD
pF
I/O Capacitance
CI/O
I/O pins
VI/O = L to H or H to L
TBD
TBD
TBD
pF
Rating
Parameter
Symbol
Min
Max
Unit
Core supply voltage relative to VSS
VDD
-0.5
3.6
V
I/O supply voltage relative to VSS
VDDQ
-0.3
3.9
V
Input and I/O voltage relative to VSS
VIN
-0.3
VDDQ + 0.3
V
Power Dissipation
PD
-TBD
W
Short circuit output current
IOUT
-TBD
mA
Storage Temperature
TSTG
-65
150
°C
Storage Temperature under Bias
TBIAS
-55
125
°C
Junction Temperature
TJN
-TBD
°C


Similar Part No. - AS9C25128M2036L-200FC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS9C25256M2018L-133BC ALSC-AS9C25256M2018L-133BC Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25256M2018L-133BI ALSC-AS9C25256M2018L-133BI Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25256M2018L-133FC ALSC-AS9C25256M2018L-133FC Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25256M2018L-133FI ALSC-AS9C25256M2018L-133FI Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25256M2018L-133TC ALSC-AS9C25256M2018L-133TC Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
More results

Similar Description - AS9C25128M2036L-200FC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Alliance Semiconductor ...
AS9C25512M2018L ALSC-AS9C25512M2018L Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com