Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I9940L-32-ET Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM2I9940L-32-ET
Description  Low Voltage 1:18 Clock Distribution Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I9940L-32-ET Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM2I9940L-32-ET Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM2I9940L-32-ET Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
June 2005
ASM2I9940L
rev 1.0
Low Voltage 1:18 Clock Distribution Chip
11 of 13
Notice: The information in this document is subject to change without notice.
32-lead LQFP Package
SECTION A-A
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.0630
1.6
A1
0.0020
0.0059
0.05
0.15
A2
0.0531
0.0571
1.35
1.45
D
0.3465
0.3622
8.8
9.2
D1
0.2717
0.2795
6.9
7.1
E
0.3465
0.3622
8.8
9.2
E1
0.2717
0.2795
6.9
7.1
L
0.0177
0.0295
0.45
0.75
L1
0.03937 REF
1.00 REF
T
0.0035
0.0079
0.09
0.2
T1
0.0038
0.0062
0.097
0.157
b
0.0118
0.0177
0.30
0.45
b1
0.0118
0.0157
0.30
0.40
R0
0.0031
0.0079
0.08
0.20
e
0.031 BASE
0.8 BASE
a


Similar Part No. - ASM2I9940L-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2I9940L PULSECORE-ASM2I9940L Datasheet
491Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
logo
ON Semiconductor
ASM2I9940L ONSEMI-ASM2I9940L Datasheet
153Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
May, 2011 ??Rev. 0
logo
PulseCore Semiconductor
ASM2I9940LG-32-ER PULSECORE-ASM2I9940LG-32-ER Datasheet
491Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9940LG-32-ET PULSECORE-ASM2I9940LG-32-ET Datasheet
491Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9940LG-32-LR PULSECORE-ASM2I9940LG-32-LR Datasheet
491Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - ASM2I9940L-32-ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Alliance Semiconductor ...
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
   Low Voltage 1:18 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
ON Semiconductor
ASM2I9940L ONSEMI-ASM2I9940L Datasheet
153Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
May, 2011 ??Rev. 0
logo
Alliance Semiconductor ...
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com