Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD717LT1D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBD717LT1D
Description  Common Anode Schottky Barrier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD717LT1D Datasheet(HTML) 4 Page - ON Semiconductor

  MMBD717LT1D Datasheet HTML 1Page - ON Semiconductor MMBD717LT1D Datasheet HTML 2Page - ON Semiconductor MMBD717LT1D Datasheet HTML 3Page - ON Semiconductor MMBD717LT1D Datasheet HTML 4Page - ON Semiconductor MMBD717LT1D Datasheet HTML 5Page - ON Semiconductor MMBD717LT1D Datasheet HTML 6Page - ON Semiconductor MMBD717LT1D Datasheet HTML 7Page - ON Semiconductor MMBD717LT1D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMBD717LT1
http://onsemi.com
4
STEP 1
PREHEAT
ZONE 1
RAMP"
STEP 2
VENT
SOAK"
STEP 3
HEATING
ZONES 2 & 5
RAMP"
STEP 4
HEATING
ZONES 3 & 6
SOAK"
STEP 5
HEATING
ZONES 4 & 7
SPIKE"
STEP 6
VENT
STEP 7
COOLING
200°C
150°C
100°C
50°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100°C
150°C
160°C
140°C
Figure 5. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
170°C
For any given circuit board, there will be a group of
control settings that will give the desired heat pattern. The
operator must set temperatures for several heating zones,
and a figure for belt speed. Taken together, these control
settings make up a heating “profile” for that particular
circuit board. On machines controlled by a computer, the
computer remembers these profiles from one operating
session to the next. Figure 7 shows a typical heating profile
for use when soldering a surface mount device to a printed
circuit board. This profile will vary among soldering
systems but it is a good starting point. Factors that can
affect the profile include the type of soldering system in
use, density and types of components on the board, type of
solder used, and the type of board or substrate material
being used. This profile shows temperature versus time.
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. A
solder stencil is required to screen the optimum amount of
solder paste onto the footprint. The stencil is made of brass
or stainless steel with a typical thickness of 0.008 inches.
The stencil opening size for the surface mounted package
should be the same as the pad size on the printed circuit
board, i.e., a 1:1 registration.
TYPICAL SOLDER HEATING PROFILE
The line on the graph shows the actual temperature that
might be experienced on the surface of a test board at or
near a central solder joint. The two profiles are based on a
high density and a low density board. The Vitronics
SMD310 convection/infrared reflow soldering system was
used to generate this profile. The type of solder used was
62/36/2 Tin Lead Silver with a melting point between
177–189
°C. When this type of furnace is used for solder
reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.


Similar Part No. - MMBD717LT1D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD717LT1 MOTOROLA-MMBD717LT1 Datasheet
76Kb / 4P
   Common Anode Schottky Barrier Diodes
logo
ON Semiconductor
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
MMBD717LT1 ONSEMI-MMBD717LT1_06 Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
More results

Similar Description - MMBD717LT1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD717W PANJIT-MMBD717W Datasheet
126Kb / 3P
   COMMON ANODE SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAS40-06LT1 ONSEMI-BAS40-06LT1 Datasheet
52Kb / 3P
   Common Anode Schottky Barrier Diodes
March, 2006 ??Rev. 6
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
BAS40-06LT1G ONSEMI-BAS40-06LT1G Datasheet
78Kb / 3P
   Common Anode Schottky Barrier Diodes
October, 2016 ??Rev. 9
logo
Motorola, Inc
MMBD717LT1 MOTOROLA-MMBD717LT1 Datasheet
76Kb / 4P
   Common Anode Schottky Barrier Diodes
logo
ON Semiconductor
SBAS40-06LT1G ONSEMI-SBAS40-06LT1G Datasheet
127Kb / 3P
   Common Anode Schottky Common Anode Schottky
November, 2011 ??Rev. 8
logo
Thinki Semiconductor Co...
MBR1045CA THINKISEMI-MBR1045CA Datasheet
747Kb / 2P
   10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
MBR2045CA THINKISEMI-MBR2045CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
   FRD DUAL DIODES - ANODE COMMON
logo
Thinki Semiconductor Co...
MBR2035CA THINKISEMI-MBR2035CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com