Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I99446-32-ET Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM2I99446-32-ET
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99446-32-ET Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM2I99446-32-ET Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM2I99446-32-ET Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
July 2005
ASM2I99446
rev 0.4
2.5V and 3.3V LVCMOS Clock Distribution Buffer
11 of
14
Notice: The information in this document is subject to change without notice.
Package Information
32-lead TQFP Package
SECTION A-A
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.0472
1.2
A1
0.0020
0.0059
0.05
0.15
A2
0.0374
0.0413
0.95
1.05
D
0.3465
0.3622
8.8
9.2
D1
0.2717
0.2795
6.9
7.1
E
0.3465
0.3622
8.8
9.2
E1
0.2717
0.2795
6.9
7.1
L
0.0177
0.0295
0.45
0.75
L1
0.03937 REF
1.00 REF
T
0.0035
0.0079
0.09
0.2
T1
0.0038
0.0062
0.097
0.157
b
0.0118
0.0177
0.30
0.45
b1
0.0118
0.0157
0.30
0.40
R0
0.0031
0.0079
0.08
0.2
a
e
0.031 BASE
0.8 BASE


Similar Part No. - ASM2I99446-32-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
ASM2I99448-32-ER ALSC-ASM2I99448-32-ER Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
ASM2I99448-32-ET ALSC-ASM2I99448-32-ET Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
ASM2I99448-32-LR ALSC-ASM2I99448-32-LR Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results

Similar Description - ASM2I99446-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com