Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64611HLX Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 64611HLX
Description  Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

64611HLX Datasheet(HTML) 2 Page - OSRAM GmbH

  64611HLX Datasheet HTML 1Page - OSRAM GmbH 64611HLX Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08/2001
For Orders and
General Information:
OSRAM SYLVANIA
National Customer
Support Center
18725 N. Union Street
Westfield, IN 46074
Photo-Optic
Phone: 1-888-677-2627
Phone: 1-888-OSRAMCS
Fax: 1-800-762-7192
Special Markets
Phone: 1-800-762-7191
Fax: 1-800-762-7192
Industrial and Commercial
Phone: 1-800-255-5042
Fax: 1-800-255-5043
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial and Commercial
Phone: 1-800-263-2852
Fax: 1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax: 1-800-667-6772
Ordering Information
Lamp
NAED
Standard
Description
Code
Case Quantity
64223
54050
100/case
64225
54025
100/case
64250 HLX
54019
100/case
64265
53999
100/case
64261
54023
100/case
64602
54138
100/case
64610 HLX
54034
100/case
64611 HLX
54028
100/case
64621 HLX
54032
30/case
64623 HLX
54052
100/case
64625 HLX
54036
100/case
Visit our website: www.sylvania.com
Application Information
Applications
Microscope
Optical comparators
Medical scientific diagnostic
equipment
Fixtures
Leica, Nikon, Olympus, Zeiss
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.


Similar Part No. - 64611HLX

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6461 ALPHAWIRE-6461 Datasheet
70Kb / 3P
   Customer Specification
logo
Littelfuse
64612007113 LITTELFUSE-64612007113 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
64612007123 LITTELFUSE-64612007123 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
64614007143 LITTELFUSE-64614007143 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
More results

Similar Description - 64611HLX

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
   Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
   Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
logo
Gilway Technical Lamp
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
   Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
OSRAM GmbH
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
   Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
   Product Information Bulletin CAX Mains-Voltage Halogen Lamp
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
   Product Information Bulletin
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
   Mini Microscope
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com