Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF5460LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBF5460LT1
Description  JFET General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF5460LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBF5460LT1 Datasheet HTML 1Page - ON Semiconductor MMBF5460LT1 Datasheet HTML 2Page - ON Semiconductor MMBF5460LT1 Datasheet HTML 3Page - ON Semiconductor MMBF5460LT1 Datasheet HTML 4Page - ON Semiconductor MMBF5460LT1 Datasheet HTML 5Page - ON Semiconductor MMBF5460LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBF5460LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
1000
0.1
0.2
ID, DRAIN CURRENT (mA)
Figure 7. Output Resistance
versus Drain Current
10
0.5
1.0
2.0
5.0
10
10
0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 8. Capacitance versus
Drain–Source Voltage
0
5.0
10
f, FREQUENCY (Hz)
Figure 9. Noise Figure versus Frequency
0
10
RS, SOURCE RESISTANCE (k Ohms)
Figure 10. Noise Figure versus
Source Resistance
0
Figure 11. Equivalent Low Frequency Circuit
20
30
50
70
100
200
300
500
700
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
20
30
40
4.0
3.0
2.0
1.0
20 30 50
100
200 300 500
1000 2000 3000
10,000
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0
10
100
1000
10,000
NOTE:
1. Graphical data is presented for dc conditions. Tabular
data is given for pulsed conditions (Pulse Width = 630 ms,
Duty Cycle = 10%).
*Cosp is Coss in parallel with Series Combination of Ciss and Crss.
vi
Crss
Ciss
ross
Coss
| yfs | vi
COMMON SOURCE
y PARAMETERS FOR FREQUENCIES
BELOW 30 MHz
yis = jω Ciss
yos = jω Cosp * + 1/ross
yfs = yfs |
yrs = –jω Crss
VDS = 15 V
f = 1.0 kHz
IDSS = 3.0 mA
6.0 mA
10 mA
f = 1.0 MHz
VGS = 0
Ciss
Coss
Crss
VDS = 15 V
VGS = 0
RG = 1.0 Megohm
VDS = 15 V
VGS = 0
f = 100 Hz


Similar Part No. - MMBF5460LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF5460LT1 ONSEMI-MMBF5460LT1 Datasheet
60Kb / 5P
   JFET - General Purpose Transistor P-Channel
February, 2006 ??Rev. 2
MMBF5460LT1G ONSEMI-MMBF5460LT1G Datasheet
60Kb / 5P
   JFET - General Purpose Transistor P-Channel
February, 2006 ??Rev. 2
MMBF5460LT1 ONSEMI-MMBF5460LT1_06 Datasheet
60Kb / 5P
   JFET - General Purpose Transistor P-Channel
February, 2006 ??Rev. 2
More results

Similar Description - MMBF5460LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF5457LT1 MOTOROLA-MMBF5457LT1 Datasheet
103Kb / 6P
   JFET - General Purpose Transistor
logo
ON Semiconductor
MMBF5457LT1 ONSEMI-MMBF5457LT1 Datasheet
56Kb / 6P
   JFET - General Purpose Transistor N-Channel
July, 2005 ??Rev. 4
MMBF5460LT1 ONSEMI-MMBF5460LT1_06 Datasheet
60Kb / 5P
   JFET - General Purpose Transistor P-Channel
February, 2006 ??Rev. 2
BF256A ONSEMI-BF256A Datasheet
41Kb / 4P
   JFET - General Purpose
September, 2001 ??Rev. 3
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE326 NTE-NTE326 Datasheet
21Kb / 2P
   Silicon P-Channel JFET Transistor General Purpose AF Amplifier
NTE457 NTE-NTE457 Datasheet
20Kb / 2P
   Silicon N-Channel JFET Transistor General Purpose Amp, Switch
NTE489 NTE-NTE489 Datasheet
21Kb / 2P
   Silicon P-Channel JFET Transistor General Purpose AF Amplifier
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
Calogic, LLC
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com