Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2669A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2669A
Description  Low Power Peak EMI Reducing Solution
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2669A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2669A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2669A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
September 2005
ASM3P2669A
rev 1.6
Low Power Peak EMI Reducing Solution
4 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics for 2.5V Supply
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT output low current (@0.5V, VDD=2.5V)
-
3
-
mA
IXOH
XOUT output high current (@1.8V, VDD=2.5V)
-
3
-
mA
VOL
Output low voltage (VDD = 2.5 V, IOL = 8 mA)
-
-
0.6
V
VOH
Output high voltage (VDD = 2.5 V, IOH = 8 mA)
1.8
-
-
V
IDD
Static supply current*
-
-
10
uA
ICC
Dynamic supply current (2.5V, 10MHz and no load)
-
2.0
-
mA
VDD
Operating voltage
2.375
2.5
2.625
V
tON
Power-up time (first locked cycle after power-up)**
-
-
5
mS
ZOUT
Output impedance
-
50
-
* XIN/CLKIN pin and PD pin are pulled low
** VDD and XIN/CLKIN input are stable, PD pin is made high from low.
AC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
6
-
12
MHz
ModOUT
Output frequency
6
-
12
MHz
Input Frequency = 6MHz
-
±1.5
-
fd
Frequency Deviation
Input Frequency = 12MHz
-
±0.8
-
%
tLH*
Output rise time (measured from 0.7V to 1.7V)
0.8
1.5
1.7
nS
tHL*
Output fall time (measured from 1.7V to 0.7V)
0.5
1.0
1.2
nS
tJC
Jitter (cycle to cycle)
-
-
200
pS
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3P2669A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2669A PULSECORE-ASM3P2669A Datasheet
183Kb / 11P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2669A ONSEMI-ASM3P2669A Datasheet
133Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2669AF-06OR PULSECORE-ASM3P2669AF-06OR Datasheet
183Kb / 11P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2669AF-06OR ONSEMI-ASM3P2669AF-06OR Datasheet
133Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2669AF-08SR PULSECORE-ASM3P2669AF-08SR Datasheet
183Kb / 11P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3P2669A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com