Electronic Components Datasheet Search |
|
ASM3I2579A-08TR Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation |
|
ASM3I2579A-08TR Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation |
1 / 12 page August 2005 ASM3P2579A rev 1.0 Alliance Semiconductor 2575 Augustine Drive • Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com Notice: The information in this document is subject to change without notice. Low Power Peak EMI Reducing Solution Features Generates an EMI optimized clock signal at the output. Integrated loop filter components. Operates with a 3.3 / 2.5V Supply. Operating current less than 4mA. Low power CMOS design. Input frequency range: 12MHz to 30MHz for 2.5V : 12MHz to 30MHz for 3.3V Generates a 1X low EMI spread spectrum clock of the input frequency. Spread Spectrum Enable Control. Frequency deviation: ±1% @ 24MHz Available in 6 pin TSOT-23, 8 pin SOIC and 8 pin TSSOP Packages. Product Description The ASM3P2579A is a versatile spread spectrum frequency modulator designed specifically for a wide range of clock frequencies. The ASM3P2579A reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of all clock dependent signals. The ASM3P2579A allows significant system cost savings by reducing the number of circuit board layers ferrite beads, shielding that are traditionally required to pass EMI regulations. The ASM3P2579A uses the most efficient and optimized modulation profile approved by the FCC and is implemented by using a proprietary all digital method. The ASM3P2579A modulates the output of a single PLL in order to “spread” the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most frequency generators. Lowering EMI by increasing a signal’s bandwidth is called ‘spread spectrum clock generation’. Applications The ASM3P2579A is targeted towards all portable devices with very low power requirements like MP3 players and digital still cameras. Key Specifications Description Specification Supply voltages VDD = 3.3V/2.5V Cycle-to-Cycle Jitter 200pS (Max) Output Duty Cycle 45/55% (worst case) Modulation Rate Equation FIN/640 Frequency Deviation ±1% @ 24MHz Block Diagram ModOUT VSS XIN Frequency Divider Feedback Divider Modulation Phase Detector Loop Filter VCO Output Divider PLL Crystal Oscillator XOUT SSON VDD |
Similar Part No. - ASM3I2579A-08TR |
|
Similar Description - ASM3I2579A-08TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |