Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1121ESA Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1121ESA
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1121ESA Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1121ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
2
GENERAL DESCRIPTION
ALD1123E/ALD1121E are monolithic quad/dual EPAD® (Electrically Program-
mable Analog Device) N-channel MOSFETs with electrically adjustable threshold
(turn-on) voltage. The ALD1123E/ALD1121E are precision matched and adjusted
(e-trimmed) at the factory resulting in quad/dual MOSFETs that are highly matched
in electrical characteristics. The ALD1123E has four (4) separate source pins. SN1,
SN2 share a common substrate pin V-1 which has to be connected to the most
negative voltage potential. Likewise, SN3, SN4 share a common substrate pin V-2
which has to be connected to the negative voltage potential for SN3, SN4. The
ALD1121E has two (2) separate source pins (SN1, SN2). Both SN1, SN2 share a
common substrate pin 4 which has to be connected to the most negative voltage
potential.
Using an ALD1123E/ALD1121E MOSFET array is simple and straight forward. The
MOSFETs function in electrical characteristics as n-channel MOSFETs except that
all the devices have exceptional matching to each other. For a given input voltage,
the threshold voltage of a MOSFET device determines its drain on-current, resulting
in an on-resistance characteristic that can be precisely preset and then controlled
by the input voltage very accurately. Since these devices are on the same monolithic
chip, they also exhibit excellent tempco matching characteristics.
These MOSFET devices have very low input currents, and as a result a very high
input impedance (>10 12 Ohm). The gate voltage from a control source can drive
many MOSFET inputs with practically no loading effects. Used in precision current
mirror or current multiplier applications, they can be used to provide a current source
over a 100 nA to 3 mA range, and with either a positive, negative or zero tempco.
Optional EPAD Threshold Voltage Trimming By User
The basic EPAD MOSFET device is a monotonically adjustable device which means
the device can normally be e-trimmed to increase in threshold voltage and to
decrease in drain-on current as a function of a given input bias voltage. Used as an
in-circuit element for trimming or setting a combination of voltage and/or current
characteristics, it can be e-trimmed remotely and automatically. Once e-trimmed,
the set voltage and current levels are stored indefinitely inside the device as a
nonvolatile stored charge, which is not affected during normal operation of the
device, even when power is turned off. A given EPAD device can be adjusted many
times to continually increase its threshold voltage. A pair of EPAD devices can also
be connected differentially such that one device is used to adjust a parameter in one
direction and the other device is used to adjust the same parameter in the other
direction.
The ALD1123E/ALD1121E can be e-trimmed with the ALD EPAD programmer to
obtain the desired voltage and current levels. Or they can be e-trimmed as an active
in-system element in a user system, via user designed interface circuitry. PN1, PN2,
etc., are pins required for optional e-trim of respective MOSFET devices. If unused,
these pins are to be connected to V- or ground. For more information, see
Application Note AN1108.
APPLICATIONS
Precision PC-based electronic calibration
Automated voltage trimming or setting
Remote voltage or current adjustment of
inaccessible nodes
PCMCIA based instrumentation trimming
Electrically adjusted resistive load
Temperature compensated current sources
and current mirrors
Electrically trimmed/calibrated current
sources
Permanent precision preset voltage level
shifter
Low temperature coefficient voltage and/or
current bias circuits
Multiple preset voltage bias circuits
Multiple channel resistor pull-up or pull-down
circuits
Microprocessor based process control systems
Portable data acquisition systems
Battery operated terminals and instruments
Remote telemetry systems
E-trim gain amplifiers
Low level signal conditioning
Sensor and transducer bias currents
Neural networks
BLOCK DIAGRAM
BLOCK DIAGRAM
ALD1121E
ALD1123E
PN1 (1)
DN1 (3)
GN1(2)
DN2 (7)
PN2 (5)
GN2 (6)
SN2 (8)
M 1
M 2
SN1(4)
V- (4)
M 1
M 2
M 3
M 4
PN4 (5)
PN1 (1)
DN1 (3)
GN1(2)
DN2 (15)
PN2 (13)
GN2 (14)
PN3 (9)
DN3 (11)
GN3(10)
DN4 (7)
GN4 (6)
SN1 (4)
SN2 (16)
SN3 (12)
SN4 (8)
V-2 (8)
V-1 (4)


Similar Part No. - ALD1121ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1121ESAL ALD-ALD1121ESAL Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
More results

Similar Description - ALD1121ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814_12 Datasheet
107Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_12 Datasheet
127Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com