Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST-10-G Datasheet(PDF) 13 Page - Luminus, Inc

Part # SST-10-G
Description  Green LED High Power Green LED with Peak Wavelength of 530nm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-G Datasheet(HTML) 13 Page - Luminus, Inc

Back Button SST-10-G Datasheet HTML 5Page - Luminus, Inc SST-10-G Datasheet HTML 6Page - Luminus, Inc SST-10-G Datasheet HTML 7Page - Luminus, Inc SST-10-G Datasheet HTML 8Page - Luminus, Inc SST-10-G Datasheet HTML 9Page - Luminus, Inc SST-10-G Datasheet HTML 10Page - Luminus, Inc SST-10-G Datasheet HTML 11Page - Luminus, Inc SST-10-G Datasheet HTML 12Page - Luminus, Inc SST-10-G Datasheet HTML 13Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
PDS-002894 Rev 03
© 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Green Product Datasheet
History of Changes
Rev
Description of Change
01
06/10/2016
Initial Release - Preliminary Specifications
02
04/03/2017
Updated title in “Relative Output Flux vs. Junction Temperature” graph and address.
03
03/23/2019
Updated and added graphs on pages 5 and 6. Added conversion table on page 6


Similar Part No. - SST-10-G

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-10-B LUMINUS-SST-10-B Datasheet
2Mb / 12P
   Blue LED Wall-Plug Efficiency: typ. 57% @350mA
SST-10-B-B130 LUMINUS-SST-10-B-B130 Datasheet
2Mb / 12P
   Blue LED Wall-Plug Efficiency: typ. 57% @350mA
SST-10-B-B90 LUMINUS-SST-10-B-B90 Datasheet
2Mb / 12P
   Blue LED Wall-Plug Efficiency: typ. 57% @350mA
SST-10-DR LUMINUS-SST-10-DR Datasheet
1Mb / 12P
   Deep Red LED
SST-10-DR-B130 LUMINUS-SST-10-DR-B130 Datasheet
1Mb / 12P
   Deep Red LED
More results

Similar Description - SST-10-G

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-10-R LUMINUS-SST-10-R Datasheet
2Mb / 12P
   Red LED High Power Red LED with Peak Wavelength of 630nm
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
   Infrared LED (Peak wavelength : 940nm)
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
   peak wavelength
logo
Unisonic Technologies
PPG01NBT-C0 UTC-PPG01NBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V-02 ROITHNER-SMB1N-525V-02 Datasheet
712Kb / 4P
   green high power led
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
SMB1N-D520 ROITHNER-SMB1N-D520 Datasheet
1Mb / 4P
   Green High Power LED
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V ROITHNER-SMB1N-525V Datasheet
736Kb / 4P
   green high power led
SMB1N-515V ROITHNER-SMB1N-515V Datasheet
668Kb / 4P
   green high power led
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com