Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I1817BF-08TR Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # I1817BF-08TR
Description  Low-Power Mobile VGA EMI Reduction IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1817BF-08TR Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  I1817BF-08TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I1817BF-08TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
October 2003
P1817A/B
rev 1.0
Low Frequency EMI Reduction
5 of 10
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current (pull-up resistors on inputs SR0 and
SSON/SBM)
-
-
-35
µA
IIH
Input high current (pull-down resistor on input SSON#)
-
-
35
µA
@ 0.4V, VDD = 3.3V
-
3
-
IXOL
XOUT output low current
@ 0.4V, VDD = 5.0V
-
20
-
mA
@ 2.5V, VDD = 3.3V
-
3
-
IXOH
XOUT output high current
@ 4.5V, VDD = 5.0V
-
20
-
mA
VDD =3.3V, IOL = 20mA
-
-
0.4
VOL
Output low voltage
VDD =5.0V, IOL = 20mA
-
-
-
V
VDD =3.3V, IOH = 20mA
2.5
-
-
VOH
Output high voltage
VDD =5.0V, IOH = 20mA
4.5
-
-
V
Normal Mode
fIN-min
fIN-typ
fIN-max
3.3V and 10pF loading
3.2
-
7.0
ICC
Dynamic supply current
normal mode
5.0V and 10pF loading
6.2
-
13.6
mA
IDD
Static supply current standby mode
-
0.6
-
mA
VDD
Operating voltage
2.7
3.3
5.5
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-


Similar Part No. - I1817BF-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I1817A-08TT PULSECORE-I1817A-08TT Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
I1817AF-08TR PULSECORE-I1817AF-08TR Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
More results

Similar Description - I1817BF-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1818 ALSC-P1818 Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com